Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABK36V1A1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ABK36V1A1
Description  High Efficiency Precision LED Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABK36V1A1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ABK36V1A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 7Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 8Page - List of Unclassifed Manufacturers ABK36V1A1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5 5 0 E. W eddell Drive, Suit e 4 , Sunnyvale, CA 9 4 0 8 9 , U. S. A . Tel.: (4 0 8 ) 7 4 7 -9 7 6 0 , Fax: (4 0 8 ) 7 4 7 -9 7 7 0 , Web: w w w .analogt echnologies.com
©
Copyrights 2000 – 2007, Analog Technologies, Inc. All Rights Reserved. Updated on 1/8/2007.
5
Analog Technologies
Analog Technologies
Analog Technologies
Analog Technologies
ABK36V1A1
High Efficiency Precision LED Controller
Figure 3. Efficiency vs. Vout, Iout = 700mA and Vin = Constant Values
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Vout (V)
Vin = 5V
Vin = 9V
Vin = 12V
Vin = 15V
Figure 4. Efficiency vs. Vout, Iout = 700mA and Vin = Constant Values
60
65
70
75
80
85
90
95
100
0
4
8
12
16
20
24
28
32
36
Vout (V)
Vin = 18V
Vin = 24V
Vin = 32V
Vin = 36V


Similar Part No. - ABK36V1A1

ManufacturerPart #DatasheetDescription
logo
Dc Components
ABK32F DCCOM-ABK32F Datasheet
36Kb / 2P
   RECTIFIER SPECIALISTS
ABK32S DCCOM-ABK32S Datasheet
36Kb / 2P
   RECTIFIER SPECIALISTS
More results

Similar Description - ABK36V1A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
   HIGH EFFICIENCY LED CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
FM3125D FUMAN-FM3125D Datasheet
217Kb / 5P
   High precision LED controller IC
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Axiomtek Co., Ltd.
LE-800 AXIOMTEK-LE-800 Datasheet
255Kb / 1P
   High efficiency LED controller for LCD panel
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
logo
Unisonic Technologies
ULD3380 UTC-ULD3380 Datasheet
169Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
UPSL102 UTC-UPSL102 Datasheet
144Kb / 6P
   HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com