Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1608P1C Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AP1608P1C
Description  1.6X0.8mm PHOTOTRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP1608P1C Datasheet(HTML) 3 Page - Kingbright Corporation

  AP1608P1C Datasheet HTML 1Page - Kingbright Corporation AP1608P1C Datasheet HTML 2Page - Kingbright Corporation AP1608P1C Datasheet HTML 3Page - Kingbright Corporation AP1608P1C Datasheet HTML 4Page - Kingbright Corporation AP1608P1C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAD1375
REV NO: V.10
DATE: DEC/21/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP:1203000037
AP1608P1C
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specifications
(Units : mm)


Similar Part No. - AP1608P1C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP1608P1C KINGBRIGHT-AP1608P1C Datasheet
126Kb / 4P
   1.6X0.8mm PHOTOTRANSISTOR
AP1608P1C-P22 KINGBRIGHT-AP1608P1C-P22 Datasheet
564Kb / 4P
   1.6 x 0.8 mm Phototransistor
More results

Similar Description - AP1608P1C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT1608P1C KINGBRIGHT-APT1608P1C Datasheet
197Kb / 4P
   1.6X0.8mm PHOTOTRANSISTOR
AP1608P1C KINGBRIGHT-AP1608P1C Datasheet
126Kb / 4P
   1.6X0.8mm PHOTOTRANSISTOR
APT1608F3C KINGBRIGHT-APT1608F3C Datasheet
266Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
APT1608SF4C KINGBRIGHT-APT1608SF4C Datasheet
286Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
logo
STANLEY ELECTRIC CO.,LT...
BG1111C STANLEY-BG1111C Datasheet
78Kb / 7P
   Flat Lens Type 1.6X0.8mm
logo
SunLED Corporation
ZTHI53W SUNLED-ZTHI53W Datasheet
195Kb / 4P
   1.6x0.8mm INFRARED EMITTING DIODE
ZTNI53W SUNLED-ZTNI53W Datasheet
195Kb / 4P
   1.6x0.8mm INFRARED EMITTING DIODE
logo
Kingbright Corporation
APT1608SF4C_0706 KINGBRIGHT-APT1608SF4C_0706 Datasheet
282Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
APT1608F3C_0706 KINGBRIGHT-APT1608F3C_0706 Datasheet
281Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
logo
SunLED Corporation
ZUYT53W-3 SUNLED-ZUYT53W-3 Datasheet
199Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com