Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3010RWF Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APA3010RWF
Description  3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010RWF Datasheet(HTML) 2 Page - Kingbright Corporation

  APA3010RWF Datasheet HTML 1Page - Kingbright Corporation APA3010RWF Datasheet HTML 2Page - Kingbright Corporation APA3010RWF Datasheet HTML 3Page - Kingbright Corporation APA3010RWF Datasheet HTML 4Page - Kingbright Corporation APA3010RWF Datasheet HTML 5Page - Kingbright Corporation APA3010RWF Datasheet HTML 6Page - Kingbright Corporation APA3010RWF Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAG3639
REV NO: V.6
DATE: JUN/01/2007
PAGE: 2 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Z.Z.YANG
ERP: 1203005366
Selection Guide
Parameter
Symbol
Value
Unit
Power dissipation
Pt
120
mW
Reverse Voltage
VR
5
V
Junction temperature
TJ
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +100
°C
DC Forward Current
IF
30
mA
Peak Forward Current
Note4
IFM
100
mA
Thermal resistance
Junction/ambient
Note5
Junction/solder point
Rth JA
Rth JS
350
120
°C/W
°C/W
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Value
Unit
Chromaticity coordinate x acc.to CIE1931
IF=20mA [Typ.]
X
Note1
0.31
-
Chromaticity coordinate y acc.to CIE1931
IF=20mA [Typ.]
Y
Note1
0.31
-
Forward Voltage IF=20mA [Min.]
VF
Note2
2.7
V
Forward Voltage IF=20mA [Typ.]
3.2
Forward Voltage
IF=20mA [Max.]
4.0
Reverse Current (VR=5V)
[Typ.]
IR
0.01
μ A
Reverse Current (VR=5V)
[Max.]
10
Temperature coefficient of x
IF=20mA, -10
° C≤ T≤100 ° C
[Typ.]
TC x
-0.1
10
-3 /
° C
Temperature coefficient of y
IF=20mA, -10
° C≤ T≤100 ° C
[Typ.]
TCy
-0.2
10
-3 /
° C
Temperature coefficient of VF
IF=20mA, -10
° C≤ T≤100 ° C
[Typ.]
TCV
-2.5
mV/
° C
Part No.
Dice
Lens Type
luminous Intensity
Note2
Iv(mcd) @ 20 mA
Φv (mlm)
Note3
@ 20 mA
Viewing
Angle
Note1
Min.
Typ.
Typ.
2
θ 1/2
APA3010RWF/A
WHITE (InGaN) YELLOW FLUORESCENT
50
150
560
120
°
Notes:
1
.θ 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.
4.1/10 Duty Cycle, 0.1ms Pulse Width.
5.Rth(J-A) Results from mounting on PC board FR4 (pad size
≥ 16 mm2 per pad),
Notes:
1.Chromaticity coordinates are measured by a current pulse of 20ms with a tolerance of ±0.01 in X and Y color coordinates.
2.Forward voltage is measured with a current pulse of 10ms at a tolerance of ±0.1V.


Similar Part No. - APA3010RWF

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010RWF KINGBRIGHT-APA3010RWF Datasheet
391Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF-A KINGBRIGHT-APA3010RWF-A Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF/A KINGBRIGHT-APA3010RWF/A Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APA3010RWF

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2CY56W SUNLED-ZM2CY56W Datasheet
186Kb / 4P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC KINGBRIGHT-APA3010PBC Datasheet
280Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC KINGBRIGHT-APA3010MGC Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SRCPRV KINGBRIGHT-APA3010SRCPRV Datasheet
275Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QWF-F-GX TO-GRACE-APA3010QWF-F-GX Datasheet
1Mb / 6P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC-A KINGBRIGHT-APA3010PBC-A Datasheet
290Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK KINGBRIGHT-APA3010SYCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010QBC KINGBRIGHT-APA3010QBC Datasheet
281Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC-GX KINGBRIGHT-APA3010MGC-GX Datasheet
250Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com