Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APFA3210PBAVGASURKC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APFA3210PBAVGASURKC
Description  3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APFA3210PBAVGASURKC Datasheet(HTML) 1 Page - Kingbright Corporation

  APFA3210PBAVGASURKC Datasheet HTML 1Page - Kingbright Corporation APFA3210PBAVGASURKC Datasheet HTML 2Page - Kingbright Corporation APFA3210PBAVGASURKC Datasheet HTML 3Page - Kingbright Corporation APFA3210PBAVGASURKC Datasheet HTML 4Page - Kingbright Corporation APFA3210PBAVGASURKC Datasheet HTML 5Page - Kingbright Corporation APFA3210PBAVGASURKC Datasheet HTML 6Page - Kingbright Corporation APFA3210PBAVGASURKC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAG8383
REV NO: V.1
DATE: SEP/21/2006
PAGE: 1 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: F.ZHANG
ERP: 1203005147
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD
CHIP LED LAMP
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
Description
The Blue source color devices are made with InGaN on
SiC Light Emitting Diode.
The Green source color devices are made with InGaN on
G-SiC Light Emitting Diode.
The Hyper Red source color devices are made with DH
InGaAlP on GaAs substrate Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Part Number: APFA3210PBAVGASURKC
BLUE/ GREEN
HYPER RED
Features
LOW POWER CONSUMPTION.
3.2mmX1.0mm RIGHT ANGLE SMT LED,1.5mm
THICKNESS.
WIDE VIEWING ANGLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3
RoHS COMPLIANT.


Similar Part No. - APFA3210PBAVGASURKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3210QBCVGASEKC KINGBRIGHT-APFA3210QBCVGASEKC Datasheet
221Kb / 7P
   3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
More results

Similar Description - APFA3210PBAVGASURKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3210QBCVGASEKC KINGBRIGHT-APFA3210QBCVGASEKC Datasheet
221Kb / 7P
   3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
APBA3210SYKCGKC-F01 KINGBRIGHT-APBA3210SYKCGKC-F01 Datasheet
337Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKVG88W SUNLED-ZMDKVG88W Datasheet
220Kb / 5P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
ZMDKBBA88W SUNLED-ZMDKBBA88W Datasheet
220Kb / 5P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APBA3210EYC-F01 KINGBRIGHT-APBA3210EYC-F01 Datasheet
339Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210ESGC-F01 KINGBRIGHT-APBA3210ESGC-F01 Datasheet
337Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210SURKCGKC-F01 KINGBRIGHT-APBA3210SURKCGKC-F01 Datasheet
339Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210YSGC-F01 KINGBRIGHT-APBA3210YSGC-F01 Datasheet
338Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDK88W SUNLED-ZMDK88W Datasheet
190Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMD88W SUNLED-ZMD88W Datasheet
191Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com