Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C64AL-10JLI Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61C64AL-10JLI
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C64AL-10JLI Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61C64AL-10JLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IS61C64AL
ISSI®
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
10/23/06
PIN CONFIGURATION
28-Pin SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VDD
WE
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
PIN DESCRIPTIONS
A0-A12
Address Inputs
CE
Chip Enable 1 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
NC
No Connect
VDD
Power
GND
Ground
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
I/O Operation
VDD Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
(Power-down)
Output Disabled
H
L
H
High-Z
ICC
Read
H
L
L
DOUT
ICC
Write
L
L
X
DIN
ICC
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
NC
WE
VDD
NC
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
PIN CONFIGURATION
28-Pin TSOP (Type 1)


Similar Part No. - IS61C64AL-10JLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL-10JLI ISSI-IS61C64AL-10JLI Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64AL-10JLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com