Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C64AL-10TI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61C64AL-10TI
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C64AL-10TI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61C64AL-10TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
IS61C64AL
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. B
10/23/06
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE
Range
Ambient Temperature
Speed
VDD(1)
Commercial
0°C to +70°C
-10
5V ± 5%
Industrial
–40°C to +85°C
-10
5V ± 5%
Note:
1. If operated at 12ns, VDD range is 5V + 10%.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VDD + 0.5
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
Com.
–1
1
µA
Ind.
–2
2
ILO
Output Leakage
GND
≤ VOUT ≤ VDD,
Com.
–1
1
µA
Outputs Disabled
Ind.
–2
2
Note:
1. VIL = –3.0V for pulse width less than 10 ns.


Similar Part No. - IS61C64AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL-10TI ISSI-IS61C64AL-10TI Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com