Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103AW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SD103AW
Description  SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD103AW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SD103AW Datasheet HTML 1Page - List of Unclassifed Manufacturers SD103AW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sep-03, Rev A
Micro Electronic Instrument Inc.
SCHOTTKY BARRIER DIODE
VOLTAGE RANGE
20 To 40 Volts
SD103AW THRU SD103CW
CURRENT
350 mA
FEATURES
Fast Switching speed
Low forward voltage
Low capacitance
Guard ring for transient and ESD protection
Also available in the DO-35 package as SD103A and
Mini-Melf as LL103A
MECHANICAL DATA
Case: SOD-123 Plastic
Terminals: solderable per MIL-STD-202
Method 208
Polarity: Color band denotes cathode end
Weight: 0.00035 ounce, 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified
SYMBOLS
SD103CW
SD103BW
SD103CW
UNIT
Repetitive Peak Reverse Voltage
VRRM
40
30
20
Volt
Continuous Reverse Voltage
VR
40
30
20
Volt
RMS Reverse Voltage
Vrms
28
21
14
Volt
Forward Continuous Current (Note 1)
IFM
350
mA
Repetitive Peak Forward Surge Current @ T = 1.0S
IFSM
1.55
Amps
Non-Repetitive Peak Forward Surge Current 8.3 mS
IFSM
15
Amps
Maximum Forward Voltage @ 20mA
200mA
VF
0.37
0.60
Volts
Maximum Leakage Current, @ TJ = 25O
IR
5.0
@VF =30V
5.0
@VF =20V
5.0
@VF =10V
µA
Maximum Reverse Recovery Time
IF = 10mA, IR=10mA, IRR = 1mA, RL = 100Ώ
trr
10
nS
Power dissipation (Note 1)
PTOT
400
mW
Typical Junction Capacitance , VF = 1V, f = 1MHz
CJ
50
pF
Typical Thermal Resistance
RθJA
300
OC/W
Operating Junction Temperature Range
TJ
(-55 to +150)
OC
Storage Temperature Range
TSTG
(-55 to +150)
OC
Notes:
1. Valid provided terminals are kept at ambient
SOD-123


Similar Part No. - SD103AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Sangdest Microelectroni...
SD103AW SMC-SD103AW Datasheet
169Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD103AW BILIN-SD103AW Datasheet
148Kb / 3P
   Schottky Barrier Diode
logo
SUNMATE electronic Co.,...
SD103AW SUNMATE-SD103AW Datasheet
995Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
DONGGUAN YOU FENG WEI E...
SD103AW YFWDIODE-SD103AW Datasheet
469Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103AW

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com