Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABTH18502APMR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTH18502APMR
Description  SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH18502APMR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ABTH18502APMR Datasheet HTML 2Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 3Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 4Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 5Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 6Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 7Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 8Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 9Page - Texas Instruments SN74ABTH18502APMR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
SN54ABTH18502A, SN54ABTH182502A, SN74ABTH18502A, SN74ABTH182502A
SCAN TEST DEVICES
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS164E – AUGUST 1993 – REVISED DECEMBER 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
test architecture
Serial-test information is conveyed by means of a 4-wire test bus or TAP that conforms to IEEE Standard
1149.1-1990. Test instructions, test data, and test control signals all are passed along this serial-test bus. The
TAP controller monitors two signals from the test bus, TCK and TMS. The TAP controller extracts the
synchronization (TCK) and state control (TMS) signals from the test bus and generates the appropriate on-chip
control signals for the test structures in the device. Figure 1 shows the TAP-controller state diagram.
The TAP controller is fully synchronous to the TCK signal. Input data is captured on the rising edge of TCK and
output data changes on the falling edge of TCK. This scheme ensures that data to be captured is valid for fully
one-half of the TCK cycle.
The functional block diagram illustrates the IEEE Standard 1149.1-1990 4-wire test bus and boundary-scan
architecture and the relationship among the test bus, the TAP controller, and the test registers. As illustrated,
the device contains an 8-bit instruction register and four test-data registers: a 48-bit boundary-scan register, a
3-bit boundary-control register, a 1-bit bypass register, and a 32-bit device-identification register.
Test-Logic-Reset
Run-Test/Idle
Select-DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Update-DR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = L
TMS = H
TMS = L
Exit2-DR
Select-IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Update-IR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
Exit2-IR
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
Figure 1. TAP-Controller State Diagram


Similar Part No. - SN74ABTH18502APMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH18502APMR TI-SN74ABTH18502APMR Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74ABTH18502APMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504_08 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A Datasheet
547Kb / 35P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504 Datasheet
450Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com