Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436516S04VATG-75 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V436516S04VATG-75
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436516S04VATG-75 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V436516S04VATG-75 Datasheet HTML 1Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V436516S04VATG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V436516S04VATG-75
3
V436516S04VATG-75 Rev. 2.0 July 2001
Part Number Information
Block Diagram
SDRAM
3.3V
V436516S04VTG-75-02
4
MOSEL-VITELIC
MANUFACTURED
V
168 PIN UNBUFFERED
DIMM X 8 COMPONENT
S
REFRESH
RATE 4K
0
3
DEPTH
16
4 BANKS
4
TSOP
WIDTH
65
LVTTL
V
GOLD
G
-
133 MHz
(PC133 3-3-3)
(PC133 2-2-2)
75
T
DQM0
I/O1–I/O8
CS0
10
10
10
10
WE
WE
DQM4
I/O40–I/O33
DQM1
I/O9–I/O16
DQM5
I/O48–I/O41
DQM2
I/O17–I/O24
CS2
10
10
10
10
DQM6
I/O49–I/O56
DQM3
I/O25–I/O32
DQM7
I/O57–I/O64
V436516S04VTG-75-03
WE: SDRAM D0-D7
CKE: SDRAM D0-D7
RAS: SDRAM D0-D7
A(11:0): SDRAM D0-D7
BA0, BA1: SDRAM D0-D7
CKE0
RAS
CAS
WE
A(11:0)
BA0, BA1
CAS: SDRAM D0-D7
C0-C15
D0-D7
D0-D7
VCC
VSS
SCL0
SA2
SA1
SA0
SDA
WP
E2PROM SPD (256 WORD X 8 BITS)
47K
CLOCK WIRING
CLOCK INPUT
LOAD
CLK0
4 SDRAMS +3.3pF Cap
CLK1
Termination
CLK2
4 SDRAMS +3.3pF Cap
CLK3
Termination
D4
DQM
I/O1–I/O8
CS
D5
DQM
I/O1–I/O8
CS
D6
DQM
I/O1–I/O8
CS
D7
DQM
I/O1–I/O8
CS
DQM
I/O1–I/O8
CS
D0
DQM
I/O1–I/O8
CS
D1
DQM
I/O1–I/O8
CS
D2
DQM
I/O1–I/O8
CS
D3
WE
WE
WE
WE
WE
WE
WE


Similar Part No. - V436516S04VATG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
More results

Similar Description - V436516S04VATG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43644R04VCTG-75 MOSEL-V43644R04VCTG-75 Datasheet
172Kb / 12P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com