Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA40-11YWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # TA40-11YWA
Description  101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA40-11YWA Datasheet(HTML) 1 Page - Kingbright Corporation

  TA40-11YWA Datasheet HTML 1Page - Kingbright Corporation TA40-11YWA Datasheet HTML 2Page - Kingbright Corporation TA40-11YWA Datasheet HTML 3Page - Kingbright Corporation TA40-11YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2482
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000234
101.6mm (4.0 INCH) 5x7 DOT MATRIX
DISPLAY
Part Number: TA40-11YWA
Yellow
Features
4.0 INCH MATRIX HEIGHT.
DOT SIZE 10mm.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMPATIBLE WITH ASCII AND EBCDIC CODES.
STACKABLE HORIZONTALLY.
COLUMN ANODE AVAILABLE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE DOT.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Similar Part No. - TA40-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA40-11YWA KINGBRIGHT-TA40-11YWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
More results

Similar Description - TA40-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA40-11GWA KINGBRIGHT-TA40-11GWA Datasheet
218Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TC40-11YWA KINGBRIGHT-TC40-11YWA Datasheet
219Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TC40-11GWA KINGBRIGHT-TC40-11GWA Datasheet
218Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TC40-11SRWA KINGBRIGHT-TC40-11SRWA Datasheet
219Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA40-11EGWA KINGBRIGHT-TBA40-11EGWA Datasheet
258Kb / 5P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TBC40-11EGWA KINGBRIGHT-TBC40-11EGWA Datasheet
258Kb / 5P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TBC40-12EGWA KINGBRIGHT-TBC40-12EGWA Datasheet
263Kb / 5P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TC40-11EWA KINGBRIGHT-TC40-11EWA Datasheet
219Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TA40-11SRWA KINGBRIGHT-TA40-11SRWA Datasheet
219Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA40-12EGWA KINGBRIGHT-TBA40-12EGWA Datasheet
263Kb / 5P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com