Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTS16212DLR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74CBTS16212DLR
Description  24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTS16212DLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74CBTS16212DLR Datasheet HTML 2Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 3Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 4Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 5Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 6Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 7Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 8Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 9Page - Texas Instruments SN74CBTS16212DLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74CBTS16212DGGRE4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTS16212DGGRG4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTS16212DGVRE4
ACTIVE
TVSOP
DGV
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTS16212DGVRG4
ACTIVE
TVSOP
DGV
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTS16212DLRG4
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTS16212DGGR
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTS16212DGVR
ACTIVE
TVSOP
DGV
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTS16212DL
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTS16212DLG4
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTS16212DLR
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2007
Addendum-Page 1


Similar Part No. - SN74CBTS16212DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTS16212DL TI-SN74CBTS16212DL Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
More results

Similar Description - SN74CBTS16212DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
Renesas Technology Corp
HD74CBTS16212A RENESAS-HD74CBTS16212A Datasheet
237Kb / 13P
   24-bit FET Bus-Exchange Switches with Schottky diode clamping
logo
Texas Instruments
SN74CBTS16211 TI-SN74CBTS16211 Datasheet
76Kb / 5P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI-SN74CBTS3384 Datasheet
66Kb / 5P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com