Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC35171 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC35171
Description  LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC35171 Datasheet(HTML) 3 Page - STMicroelectronics

  MC35171 Datasheet HTML 1Page - STMicroelectronics MC35171 Datasheet HTML 2Page - STMicroelectronics MC35171 Datasheet HTML 3Page - STMicroelectronics MC35171 Datasheet HTML 4Page - STMicroelectronics MC35171 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = +15V, VCC- = -15V, RL connected to Ground, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
VCC
+ = +15V, VCC- = -15V, Vic =0V
VCC
+ = 5V, VCC- = 0V, Vic = 0V, Vo = 1.4V
VCC
+ = +15V, VCC- = -15V, Vic = 0V, Tmin.
≤ Tamb ≤ Tmax.
1
1
4.5
5
6.5
mV
DVio
Input Offset Voltage Drift
10
µV/oC
Iio
Input Offset Current (Vic = 0V)
Tmin.
≤ Tamb ≤ Tmax.
520
40
nA
Iib
Input Bias Current (Vic = 0V)
Tmin.
≤ Tamb ≤ Tmax.
20
100
200
nA
Avd
Large Signal Voltage Gain (RL = 10k
Ω,VO = ±10V)
Tmin.
≤ Tamb ≤ Tmax.
50
25
100
V/mV
VOH
High Level Output Voltage
VCC
+ = 5V, VCC- = 0V, RL = 10kΩ
VCC
+ = +15V, VCC- = -15V, RL = 10kΩ
VCC
+ = +15V, V
CC
- = -15V, R
L = 10k
Ω, Tmin.≤ Tamb ≤ Tmax.
3.5
13.6
13.3
4.2
14.2
V
VOL
Low Level Output Voltage
VCC
+ = 5V, VCC- = 0V, RL = 10kΩ
VCC
+ = +15V, VCC- = -15V, RL = 10kΩ
VCC
+ = +15V, V
CC
- = -15V, R
L = 10k
Ω, Tmin. ≤ Tamb ≤ Tmax.
0.1
-14
0.15
-13.6
-13.3
V
Isc
Output Short Circuit Current (Vid =
±1V, VO = 0V)
Source
Sink
3
15
6
27
mA
Vicm
Input Common Mode Voltage Range
Tmin.
≤ Tamb ≤ Tmax.
VCC
- to
(VCC
+ - 1.8)
VCC
- to
(VCC
+ - 2.2)
V
CMR
Common Mode Rejection Ratio (Vi =Vicm min.)
80
100
dB
SVR
Supply Voltage Rejection Ratio (VCC =
±5to ±15V)
80
100
dB
ICC
Supply Current
VCC
+ = 5V, VCC- = 0V, no load
VCC
+ = +15V, VCC- = -15V, no load
VCC
+ = +15V, VCC- = -15V, no load, Tmin.
≤ Tamb ≤ Tmax.
200
220
250
250
300
µA
SR
Slew Rate (Vi =
±10V, RL = 10kΩ,CL = 100pF)
1.6
2
V/
µs
GBP
Gain Bandwidth Product (RL = 10k
Ω,CL = 100pF, f = 100kHz)
1.4
2.1
MHz
∅m
Phase Margin (RL = 10k
Ω,CL = 100pF)
45
Degrees
en
Equivalent Input Noise Voltage (f = 1kHz)
29
nV
√
Hz
THD
Total Harmonic Distortion
0.05
%
MC33171 - 35171
3/5


Similar Part No. - MC35171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC35172 STMICROELECTRONICS-MC35172 Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC35172 STMICROELECTRONICS-MC35172 Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
MC35172D STMICROELECTRONICS-MC35172D Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC35172D STMICROELECTRONICS-MC35172D Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
MC35172D STMICROELECTRONICS-MC35172D Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
More results

Similar Description - MC35171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33172-MC35172 STMICROELECTRONICS-MC33172-MC35172 Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
MC33172 STMICROELECTRONICS-MC33172_08 Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
April 2002
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
MC33172 STMICROELECTRONICS-MC33172 Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
OP07C STMICROELECTRONICS-OP07C Datasheet
43Kb / 4P
   VERY LOW OFFSET SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com