Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP25R12KT3 Datasheet(PDF) 3 Page - eupec GmbH

Part # FP25R12KT3
Description  IGBT-inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP25R12KT3 Datasheet(HTML) 3 Page - eupec GmbH

  FP25R12KT3 Datasheet HTML 1Page - eupec GmbH FP25R12KT3 Datasheet HTML 2Page - eupec GmbH FP25R12KT3 Datasheet HTML 3Page - eupec GmbH FP25R12KT3 Datasheet HTML 4Page - eupec GmbH FP25R12KT3 Datasheet HTML 5Page - eupec GmbH FP25R12KT3 Datasheet HTML 6Page - eupec GmbH FP25R12KT3 Datasheet HTML 7Page - eupec GmbH FP25R12KT3 Datasheet HTML 8Page - eupec GmbH FP25R12KT3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Technische Information / technical information
FP25R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Brems-Chopper / IGBT-brake-chopper
Höchstzulässige Werte / maximum rated values
!
"#
$
#
$
%&' ( )*+
,-./
0
,
!
1
$
#
1+
%e (
*+
%e ( )*+
2-345
2-
0)
)
7
!
#
!
8 ( 0 # 9 %- (
*+
2-:;
<
# ,
$
=
%- ( )*+
7>4>
0 )
?
<
"#
$
$
#
!
$
,@./
AB
,
Charakteristische Werte / characteristic values
#
# C
!
"#
D $
$
$
#
$
2- ( 0)
9 ,@. ( 0) ,9 %&' ( )*+
2- ( 0)
9 ,@. ( 0) ,9 %&' ( 0 )*+
,-. EF>
09
09G
90)
,
,
<
=
$
$
$
2- ( 9) # 9 ,-. ( ,@.9 %&' ( )*+
,@.>H
)9
)9
I9)
,
<
$
$
$
,@. ( 0) ,
A0) ,
J@
90)
K+
2
<
=
$
@L3>
9
M
" $
$ !
D
( 0 NO 9 %&' ( )*+
,-. ( ) ,9 ,@. (
,
+LPE
090
Q
R != !
$ !
D
( 0 NO 9 %&' ( )*+
,-. ( ) ,9 ,@. (
,
+SPE
9 6
Q
!
"#
#
#
,-. ( 0
,9 ,@. (
,9 %&' ( )*+
2-./
)9
#
<
"#
#
$
#
! $
,-. (
,9 ,@. (
,9 %&' ( )*+
2@./
6
"
T$
$
U
V
W
# U
W
2- ( 0)
9 ,-. ( I
,
,@. ( X0) ,9
@43 ( ) M9 %&' ( )*+
,@. ( X0) ,9
@43 ( ) M9 %&' ( 0 )*+
Y 43
9 G
9 G
K
K
$
U
!
V
W
# U
W
2- ( 0)
9 ,-. ( I
,
,@. ( X0) ,9
@43 ( ) M9 %&' ( )*+
,@. ( X0) ,9
@43 ( ) M9 %&' ( 0 )*+
S
9
9 )
K
K
T$
$
U
V
W
# U
W
2- ( 0)
9 ,-. ( I
,
,@. ( X0) ,9
@4ZZ ( ) M9 %&' ( )*+
,@. ( X0) ,9
@4ZZ ( ) M9 %&' ( 0 )*+
Y 4ZZ
96
9)
K
K
Q
U
!
V
W
# U
W
2- ( 0)
9 ,-. ( I
,
,@. ( X0) ,9
@4ZZ ( ) M9 %&' ( )*+
,@. ( X0) ,9
@4ZZ ( ) M9 %&' ( 0 )*+
Z
9
9 G
K
K
"
$
7
$
2- ( 0)
9 ,-. ( I
,
,@. ( X0) ,9
@43 ( ) M9 %&' ( )*+
,@. ( X0) ,9
@43 ( ) M9 %&' ( 0 )*+
"43
09)
90
#[
#[
$
7
$
2- ( 0)
9 ,-. ( I
,
,@. ( X0) ,9
@4ZZ ( ) M9 %&' ( )*+
,@. ( X0) ,9
@4ZZ ( ) M9 %&' ( 0 )*+
"4ZZ
090
09
#[
#[
\
+
8 ] 0 K
9 ,@. ] 0) ,
%&'] 0 )*+9 ,-- ( G
,9 ,-.5F^ ( ,-./ VE-. _
B
2/-
I
2
?D # =
#
9 `
2<a%
2<a%
>Hb-
09
B?


Similar Part No. - FP25R12KT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP25R12KT3 INFINEON-FP25R12KT3 Datasheet
580Kb / 11P
   IGBT-Module
2013-10-03 revision:2.0
More results

Similar Description - FP25R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1600R17KE3 EUPEC-FZ1600R17KE3 Datasheet
255Kb / 8P
   IGBT-inverter
FF200R33KF2C EUPEC-FF200R33KF2C Datasheet
291Kb / 8P
   IGBT-inverter
F4-50R12KS4 EUPEC-F4-50R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
F4-75R12KS4 EUPEC-F4-75R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
FF800R17KE3 EUPEC-FF800R17KE3 Datasheet
256Kb / 8P
    IGBT-inverter
FF400R12KE3 EUPEC-FF400R12KE3 Datasheet
287Kb / 8P
   IGBT-inverter
FS200R06KL4 EUPEC-FS200R06KL4 Datasheet
318Kb / 8P
   IGBT-inverter
FZ400R12KE3 EUPEC-FZ400R12KE3 Datasheet
285Kb / 8P
   IGBT-inverter
FP75R12KT3 EUPEC-FP75R12KT3 Datasheet
408Kb / 11P
    IGBT-inverter
logo
Infineon Technologies A...
FP15R12KT3 INFINEON-FP15R12KT3 Datasheet
813Kb / 11P
   IGBT,Inverter
2.1 2013-10-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com