Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APKA2810RWC-A-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APKA2810RWC-A-F01
Description  2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APKA2810RWC-A-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  APKA2810RWC-A-F01 Datasheet HTML 1Page - Kingbright Corporation APKA2810RWC-A-F01 Datasheet HTML 2Page - Kingbright Corporation APKA2810RWC-A-F01 Datasheet HTML 3Page - Kingbright Corporation APKA2810RWC-A-F01 Datasheet HTML 4Page - Kingbright Corporation APKA2810RWC-A-F01 Datasheet HTML 5Page - Kingbright Corporation APKA2810RWC-A-F01 Datasheet HTML 6Page - Kingbright Corporation APKA2810RWC-A-F01 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAH3766
REV NO: V.1
DATE: MAY/03/2007
PAGE: 2 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1204000634
Selection Guide
Parameter
Symbol
Value
Unit
Power dissipation
Pt
120
mW
Reverse Voltage
VR
5
V
Junction temperature
TJ
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +100
°C
DC Forward Current
IF
30
mA
Peak Forward Current
Note4
IFM
100
mA
Thermal resistance
Junction/ambient
Note5
Junction/solder point
Rth JA
Rth JS
400
140
°C/W
°C/W
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Value
Unit
Chromaticity coordinate x acc.to CIE1931
IF=20mA [Typ.]
X
Note1
0.31
-
Chromaticity coordinate y acc.to CIE1931
IF=20mA [Typ.]
Y
Note1
0.31
-
Forward Voltage IF=20mA [Min.]
VF
Note2
2.7
V
Forward Voltage IF=20mA [Typ.]
3.2
Forward Voltage
IF=20mA [Max.]
4.0
Reverse Current (VR=5V)
[Typ.]
IR
0.01
μA
Reverse Current (VR=5V)
[Max.]
10
Temperature coefficient of x
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TC x
-0.1
10
-3 /
°C
Temperature coefficient of y
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCy
-0.2
10
-3 /
°C
Temperature coefficient of VF
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCV
-2.5
mV/
°C
Part No.
Dice
Lens Type
luminous Intensity
Note2
Iv(mcd) @ 20 mA
Φv (mlm)
Note3
@ 20 mA
Viewing
Angle
Note1
Min.
Typ.
Typ.
2
θ1/2
APKA2810RWC/A-F01
WHITE (InGaN)
WATER CLEAR
70
180
700
90
°
Notes:
1
.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.
4.1/10 Duty Cycle, 0.1ms Pulse Width.
5.Rth(J-A) Results from mounting on PC board FR4 (pad size
≥16 mm2 per pad),
Notes:
1.Chromaticity coordinates are measured by a current pulse of 20ms with a tolerance of ±0.01 in X and Y color coordinates.
2.Forward voltage is measured with a current pulse of 10ms at a tolerance of ±0.1V.


Similar Part No. - APKA2810RWC-A-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA2810CGCK-F01 KINGBRIGHT-APKA2810CGCK-F01 Datasheet
278Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810MBC KINGBRIGHT-APKA2810MBC Datasheet
157Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810MGC KINGBRIGHT-APKA2810MGC Datasheet
152Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810MGCK KINGBRIGHT-APKA2810MGCK Datasheet
148Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810PBC-A-F01 KINGBRIGHT-APKA2810PBC-A-F01 Datasheet
177Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APKA2810RWC-A-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA2810TGC KINGBRIGHT-APKA2810TGC Datasheet
169Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CY81W-1 SUNLED-ZM2CY81W-1 Datasheet
189Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2CR81W-1 SUNLED-ZM2CR81W-1 Datasheet
191Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA2810SECK-F01 KINGBRIGHT-APKA2810SECK-F01 Datasheet
279Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810SURC KINGBRIGHT-APKA2810SURC Datasheet
150Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810VGC-A-F01 KINGBRIGHT-APKA2810VGC-A-F01 Datasheet
285Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BG81W-1 SUNLED-ZM2BG81W-1 Datasheet
192Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA2810QBC-D-F01 KINGBRIGHT-APKA2810QBC-D-F01 Datasheet
300Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810SEC KINGBRIGHT-APKA2810SEC Datasheet
150Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810ZGC-F01 KINGBRIGHT-APKA2810ZGC-F01 Datasheet
302Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB81W-1 SUNLED-ZM2BB81W-1 Datasheet
192Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com