Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFC330F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJFC330F
Description  Fixed Inductors (Chip Inductors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFC330F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJFC330F Datasheet HTML 1Page - Panasonic Semiconductor ELJFC330F Datasheet HTML 2Page - Panasonic Semiconductor ELJFC330F Datasheet HTML 3Page - Panasonic Semiconductor ELJFC330F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6
±0.2
4.5
±0.3
Marking
5.5 to 6.0
2.4 to 2.6
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJFBR22 F
0.22
M : ±20 %
1.0
30
25.2
230
0.30
700
ELJFBR27 F
0.27
200
0.32
650
ELJFBR33 F
0.33
180
0.35
630
ELJFBR39 F
0.39
155
0.37
620
ELJFBR47 F
0.47
135
0.40
580
ELJFBR56 F
0.56
120
0.42
560
ELJFBR68 F
0.68
105
0.48
530
ELJFBR82 F
0.82
90
0.50
500
ELJFB1R0 F
1.0
M:±20 %
or
K : ±10 %
80
0.52
470
ELJFB1R2 F
1.2
70
0.55
460
ELJFB1R5 F
1.5
60
0.61
430
ELJFB1R8 F
1.8
50
0.61
410
ELJFB2R2 F
2.2
7.96
45
0.61
410
ELJFB2R7 F
2.7
50
43
0.61
400
ELJFB3R3 F
3.3
39
0.66
380
ELJFB3R9 F
3.9
36
0.74
360
ELJFB4R7 F
4.7
5
33
0.81
350
ELJFB5R6 F
5.6
30
0.88
330
ELJFB6R8 F
6.8
26
1.0
310
ELJFB8R2 F
8.2
24
1.6
250
ELJFB100 F10
K : ±10 %
or
J : ± 5 %
22
1.8
235
ELJFB120 F12
20
1.9
225
ELJFB150 F15
18
2.1
215
ELJFB180 F18
16
2.3
205
ELJFB220 F22
2.52
15
2.6
195
ELJFB270 F27
13
2.9
185
ELJFB330 F33
12
3.1
175
ELJFB390 F39
10
3.6
165
ELJFB470 F47
9.7
4.2
130
ELJFB560 F56
0.1
40
9.0
4.7
125
ELJFB680 F68
8.2
5.3
115
ELJFB820 F82
7.5
5.9
110
ELJFB101 F
100
6.7
8.8
105
ELJFB121 F
120
1.5
6.1
10
100
ELJFB151 F
150
5.5
11
95
ELJFB181 F
180
5.1
13
85
ELJFB221 F
220
0.796
4.5
13
85
ELJFB271 F
270
4.1
14
80
ELJFB331 F
330
3.7
16
75
ELJFB391 F
390
3.3
19
70
ELJFB471 F
470
30
3.3
31
55
ELJFB561 F
560
2.7
35
50
ELJFB681 F
680
2.5
39
50
ELJFB821 F
820
2.4
45
45
ELJFB102 F
1000
2.1
53
40
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
FB Type 4532 (1812)
Standard Packing Quantity
500 pcs./Reel
Standard Parts
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Feb. 2006


Similar Part No. - ELJFC330F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFC330F PANASONIC-ELJFC330F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC330F PANASONIC-ELJFC330F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJFC330F PANASONIC-ELJFC330F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC330F PANASONIC-ELJFC330F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC330F PANASONIC-ELJFC330F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFC330F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com