Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2484 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2484
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484 Datasheet(HTML) 3 Page - STMicroelectronics

  2N2484 Datasheet HTML 1Page - STMicroelectronics 2N2484 Datasheet HTML 2Page - STMicroelectronics 2N2484 Datasheet HTML 3Page - STMicroelectronics 2N2484 Datasheet HTML 4Page - STMicroelectronics 2N2484 Datasheet HTML 5Page - STMicroelectronics 2N2484 Datasheet HTML 6Page - STMicroelectronics 2N2484 Datasheet HTML 7Page - STMicroelectronics 2N2484 Datasheet HTML 8Page - STMicroelectronics 2N2484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MIL-PRF-19500/376E
3
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
A
.061
.075
1.55
1.90
3
A1
.029
.041
0.74
1.04
B1
.022
.028
0.56
0.71
B2
.075 REF
1.91 REF
B3
.006
.022
0.15
0.56
5
D
.145
.155
3.68
3.93
D1
.045
.055
1.14
1.39
D2
.0375 BSC
.952 BSC
D3
---
.155
---
3.93
E
.215
.225
5.46
5.71
E3
---
.225
---
5.71
L1
.032
.048
0.81
1.22
L2
.072
.088
1.83
2.23
L3
.003
.007
0.08
0.18
5
NOTES:
1.
Dimensions are in inches.
2.
Metric equivalents are given for general information only.
3.
Dimension "A" controls the overall package thickness. When a window lid is used, dimension "A" must
increase by a minimum of .010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
4.
The corner shape (square, notch, radius, etc.) may vary at the manufacturer's option, from that shown on
the drawing.
5.
Dimensions "B3" minimum and "L3" minimum and the appropriately castellation length define an
unobstructed three-dimensional space traversing all of the ceramic layers in which a castellation was
designed. (Castellations are required on bottom two layers, optional on top ceramic layer.) Dimension
"B3" maximum and "L3" maximum define the maximum width and depth of the castellation at any point on
its surface. Measurement of these dimensions may be made prior to solder dipping.
6.
Lead 4 = no connection.
FIGURE 2. Physical dimensions, surface mount (2N2484UA).


Similar Part No. - 2N2484

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2484 PHILIPS-2N2484 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 May 01
logo
Central Semiconductor C...
2N2484 CENTRAL-2N2484 Datasheet
328Kb / 2P
   NPN - Low Noise Amplifier Transistor Chip
logo
Semicoa Semiconductor
2N2484 SEMICOA-2N2484 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
logo
Continental Device Indi...
2N2484 CDIL-2N2484 Datasheet
227Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
logo
Semicoa Semiconductor
2N2484 SEMICOA-2N2484 Datasheet
55Kb / 3P
   Type 2N2484 Geometry 0220 / 0307 Polarity NPN
More results

Similar Description - 2N2484

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22 MICROPAC-4N22 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880 Datasheet
85Kb / 3P
   5 Amp, 80V, Planar, NPN Power Transistors JAN,JTX,JANTXV,JANS
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com