Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7807P Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7807P
Description  Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807P Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS7807P Datasheet HTML 1Page - Burr-Brown (TI) ADS7807P Datasheet HTML 2Page - Burr-Brown (TI) ADS7807P Datasheet HTML 3Page - Burr-Brown (TI) ADS7807P Datasheet HTML 4Page - Burr-Brown (TI) ADS7807P Datasheet HTML 5Page - Burr-Brown (TI) ADS7807P Datasheet HTML 6Page - Burr-Brown (TI) ADS7807P Datasheet HTML 7Page - Burr-Brown (TI) ADS7807P Datasheet HTML 8Page - Burr-Brown (TI) ADS7807P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADS7807
4
SBAS022C
www.ti.com
1R1IN
Analog Input. See Figure 7.
2
AGND1
Analog Sense Ground.
3R2IN
Analog Input. See Figure 7.
4
CAP
Reference Buffer Output. 2.2
µF tantalum capacitor to ground.
5
REF
Reference Input/Output. 2.2
µF tantalum capacitor to ground.
6
AGND2
Analog Ground
7
SB/BTC
I
Selects Straight Binary or Binary Two’s Complement for Output Data Format.
8
EXT/INT
I
External/Internal data clock select.
9
D7
O
Data Bit 7 if BYTE is HIGH. Data bit 15 (MSB) if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW. Leave
unconnected when using serial output.
10
D6
O
Data Bit 6 if BYTE is HIGH. Data bit 14 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
11
D5
O
Data Bit 5 if BYTE is HIGH. Data bit 13 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
12
D4
O
Data Bit 4 if BYTE is HIGH. Data bit 12 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
13
D3
O
Data Bit 3 if BYTE is HIGH. Data bit 11 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
14
DGND
Digital Ground
15
D2
O
Data Bit 2 if BYTE is HIGH. Data bit 10 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
16
D1
O
Data Bit 1 if BYTE is HIGH. Data bit 9 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
17
D0
O
Data Bit 0 (LSB) if BYTE is HIGH. Data bit 8 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
18
DATACLK
I/O
Data Clock Output when EXT/INT is LOW. Data clock input when EXT/INT is HIGH.
19
SDATA
O
Serial Output Synchronized to DATACLK
20
TAG
I
Serial Input When Using an External Data Clock
21
BYTE
I
Selects 8 most significant bits (LOW) or 8 least significant bits (HIGH) on parallel output pins.
22
R/C
I
With CS LOW and BUSY HIGH, a Falling Edge on R/C Initiates a New Conversion. With CS LOW, a rising edge on R/C
enables the parallel output.
23
CS
I
Internally OR’d with R/C. If R/C is LOW, a falling edge on CS initiates a new conversion. If EXT/INT is LOW, this same
falling edge will start the transmission of serial data results from the previous conversion.
24
BUSY
O
At the start of a conversion, BUSY goes LOW and stays LOW until the conversion is completed and the digital outputs
have been updated.
25
PWRD
I
PWRD HIGH shuts down all analog circuitry except the reference. Digital circuitry remains active.
26
REFD
I
REFD HIGH shuts down the internal reference. External reference will be required for conversions.
27
VANA
Analog Supply. Nominally +5V. Decouple with 0.1
µF ceramic and 10µF tantalum capacitors.
28
VDIG
Digital Supply. Nominally +5V. Connect directly to pin 27. Must be
≤ V
ANA.
DIGITAL
PIN #
NAME
I/O
DESCRIPTION
ANALOG
CONNECT R1IN
CONNECT R2IN
INPUT
VIA 200
VIA 100
RANGE
TO
TO
IMPEDANCE
±10V
VIN
CAP
45.7k
0V to 5V
AGND
VIN
20.0k
0V to 4V
VIN
VIN
21.4k
TABLE I. Input Range Connections. See Figure 7.
PIN CONFIGURATION
PIN DESCRIPTIONS
Top View
DIP, SO
V
DIG
V
ANA
REFD
PWRD
BUSY
CS
R/C
BYTE
TAG
SDATA
DATACLK
D0
D1
D2
R1
IN
AGND1
R2
IN
CAP
REF
AGND2
SB/BTC
EXT/INT
D7
D6
D5
D4
D3
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7807


Similar Part No. - ADS7807P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807P BURR-BROWN-ADS7807P Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807P BURR-BROWN-ADS7807P Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807PB BURR-BROWN-ADS7807PB Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807PB BURR-BROWN-ADS7807PB Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807PBG4 BURR-BROWN-ADS7807PBG4 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7807P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com