Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7807PBG4 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7807PBG4
Description  Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807PBG4 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7807PBG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 9Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 10Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 11Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 12Page - Burr-Brown (TI) ADS7807PBG4 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADS7807
9
SBAS022C
www.ti.com
clock pulse. As a result, data can be read on the parallel port
prior to reading the same data on the serial port, but data
cannot be read through the serial port prior to reading the
same data on the parallel port.
PARALLEL OUTPUT
To use the parallel output, tie EXT/INT (pin 8) HIGH and
DATACLK (pin 18) LOW. SDATA (pin 19) should be left
unconnected. The parallel output will be active when R/C (pin
22) is HIGH and CS (pin 23) is LOW. Any other combination
of CS and R/C will tri-state the parallel output. Valid conver-
sion data can be read in two 8-bit bytes on D7-D0 (pins 9-13
and 15-17). When BYTE (pin 21) is LOW, the 8 most signifi-
cant bits will be valid with the MSB on D7. When BYTE is
HIGH, the 8 least significant bits will be valid with the LSB on
D0. BYTE can be toggled to read both bytes within one
conversion cycle.
Upon initial power up, the parallel output will contain indeter-
minate data.
FIGURE 3. Using CS to Control Conversion and Read Timing with Parallel Outputs.
FIGURE 2. Conversion Timing with Parallel Output (CS and DATACLK tied LOW, EXT/INT tied HIGH).
PARALLEL OUTPUT (AFTER A CONVERSION)
After conversion ‘n’ is completed and the output registers
have been updated, BUSY (pin 24) will go HIGH. Valid data
from conversion ‘n’ will be available on D7-D0 (pins 9-13 and
15-17). BUSY going high can be used to latch the data. Refer
to Table V and Figures 2 and 3 for timing constraints.
PARALLEL OUTPUT (DURING A CONVERSION)
After conversion ‘n’ has been initiated, valid data from con-
version ‘n – 1’ can be read and will be valid up to 12
µs after
the start of conversion ‘n’. Do not attempt to read data
beyond 12
µs after the start of conversion ‘n’ until BUSY (pin
24) goes HIGH; this may result in reading invalid data. Refer
to Table V and Figures 2 and 3 for timing constraints.
t
10
BUSY
R/C
MODE
Acquire
Convert
t
11
t
7
t
6
t
3
t
4
t
1
Acquire
Convert
t
8
t
6
t
3
Parallel
Data Bus
Previous
High Byte Valid
t
12
Hi-Z
Not Valid
t
2
t
9
High Byte
Valid
t
12
t
9
t
12
BYTE
t
1
Previous Low
Byte Valid
Previous High
Byte Valid
Low Byte
Valid
High Byte
Valid
t
12
Hi-Z
t
12
t
12
t
5
Hi-Z State
BUSY
R/C
DATA
BUS
High Byte
t
3
t
4
t
21
t
21
t
1
t
21
t
21
BYTE
t
21
t
21
t
21
t
21
t
21
t
21
Hi-Z State
Low Byte
Hi-Z State
t
9
t
12
t
9
t
12
CS


Similar Part No. - ADS7807PBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807PBG4 BURR-BROWN-ADS7807PBG4 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7807PBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com