Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7807PG4 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7807PG4
Description  Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807PG4 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7807PG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS7807PG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low-Power, 16-Bit, Sampling CMOS
ANALOG-to-DIGITAL CONVERTER
FEATURES
q 35mW max POWER DISSIPATION
q 50
µW POWER-DOWN MODE
q 25
µs max ACQUISITION AND CONVERSION
q
±1.5LSB max INL
q DNL: 16 bits “No Missing Codes”
q 86dB min SINAD WITH 1kHz INPUT
q
±10V, 0V TO +5V, AND 0V TO +4V INPUT RANGES
q SINGLE +5V SUPPLY OPERATION
q PARALLEL AND SERIAL DATA OUTPUT
q PIN-COMPATIBLE WITH THE 12-BIT ADS7806
q USES INTERNAL OR EXTERNAL REFERENCE
q 0.3" DIP-28 AND SO-28
DESCRIPTION
The ADS7807 is a low-power, 16-bit, sampling Analog-to-
Digital (A/D) converter using state-of-the-art CMOS struc-
tures. It contains a complete 16-bit, capacitor-based, Suc-
cessive Approximation Register (SAR) A/D converter with
sample-and-hold, clock, reference, and microprocessor inter-
face with parallel and serial output drivers.
The ADS7807 can acquire and convert 16 bits to within
±1.5LSB in 25µs max while consuming only 35mW max.
Laser trimmed scaling resistors provide standard industrial
input ranges of
±10V and 0V to +5V. In addition, a 0V to +4V
range allows development of complete single-supply sys-
tems.
The ADS7807 is available in a 0.3" DIP-28 and SO-28, both
fully specified for operation over the industrial –40
°C to
+85
°C temperature range.
ADS7807
SBAS022C – NOVEMBER 1992 – REVISED FEBRUARY 2006
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1992-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CDAC
6k
40k
10k
BUSY
Parallel
and
Serial
Data
Out
Comparator
Buffer
20k
R1
IN
R2
IN
REF
Successive Approximation Register and Control Logic
Clock
Power
Down
BYTE
CS
R/C
40k
Internal
+2.5V Ref
Reference
Power-Down
Serial Data
Clock
Parallel Data
CAP
Serial Data
8
ADS7
807
ADS7807
All trademarks are the property of their respective owners.


Similar Part No. - ADS7807PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807PG4 BURR-BROWN-ADS7807PG4 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7807PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com