Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162646ETPACT Datasheet(PDF) 2 Page - Texas Instruments

Part # 74FCT162646ETPACT
Description  16-Bit Registered Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162646ETPACT Datasheet(HTML) 2 Page - Texas Instruments

  74FCT162646ETPACT Datasheet HTML 1Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 2Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 3Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 4Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 5Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 6Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 7Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 8Page - Texas Instruments 74FCT162646ETPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY74FCT16646T
CY74FCT162646T
2
GND
1DIR
SSOP/TSSOP
Top View
1CLKAB
1SAB
1A1
1A2
1CLKBA
1SBA
1B1
1OE
GND
GND
VCC
1A3
VCC
GND
1A4
1A5
1A6
1A7
1A8
2A1
2A2
2A3
2A4
GND
2A5
2A6
VCC
2A7
2A8
2SAB
2CLKAB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
2DIR
1B2
1B3
1B4
1B5
1B6
1B7
1B8
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2SBA
2CLKBA
2OE
FCT16646-3
Pin Configuration
Pin Description
Pin Names
Description
A
Data Register A Inputs
Data Register B Outputs
B
Data Register B Inputs
Data Register A Outputs
CLKAB, CLKBA
Clock Pulse Inputs
SAB, SBA
Output Data Source Select Inputs
DIR
Direction
OE
Output Enable (Active LOW)


Similar Part No. - 74FCT162646ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162646ETPACT TI-74FCT162646ETPACT Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - 74FCT162646ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com