Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56-51PBWA-A Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SA56-51PBWA-A
Description  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA56-51PBWA-A Datasheet(HTML) 2 Page - Kingbright Corporation

  SA56-51PBWA-A Datasheet HTML 1Page - Kingbright Corporation SA56-51PBWA-A Datasheet HTML 2Page - Kingbright Corporation SA56-51PBWA-A Datasheet HTML 3Page - Kingbright Corporation SA56-51PBWA-A Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF1963
REV NO: V.3
DATE: MAY/28/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1301002050
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
SA56-51PBWA/A
Blue (InGaN)
WHITE DIFFUSED
3000
16000
Common Anode, Rt.
Hand Decimal
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Blue
468
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
470
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
21
nm
IF=20mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
3.2
4.0
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR=5V
Parameter
Blue
Units
Power dissipation
120
mW
DC Forward Current
30
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Similar Part No. - SA56-51PBWA-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
162Kb / 3P
   Standard-Displays
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11EWA KINGBRIGHT-SA56-11EWA_11 Datasheet
220Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA56-51PBWA-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SYKWA KINGBRIGHT-SA56-11SYKWA Datasheet
347Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SRWA KINGBRIGHT-SA56-11SRWA Datasheet
130Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com