Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC03DE170HV Datasheet(PDF) 3 Page - STMicroelectronics

Part # STC03DE170HV
Description  Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170HV Datasheet(HTML) 3 Page - STMicroelectronics

  STC03DE170HV_07 Datasheet HTML 1Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 2Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 3Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 4Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 5Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 6Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 7Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 8Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STC03DE170HV
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
ICS(SS)
Collector-source current
(VBS =VGS =0V)
VCS(SS) =1700V
100
µA
IBS(OS)
Base-source current
(IC =0, VGS =0V)
VBS(OS) =30V
10
µA
ISB(OS)
Source-base current
(IC =0, VGS =0V)
VSB(OS) =9V
100
µA
IGS(OS)
Gate-source leakage
(VBS =0V)
VGS = ± 20V
500
nA
VCS(ON)
Collector-source ON
voltage
VGS =10V IC =3A IB =0.6A
VGS =10V IC =1A IB =100mA
1
0.3
1.2
0.6
V
V
hFE
DC current gain
VGS =10V VCS =1V IC =3A
VGS =10V VCS =1V IC =1A
10
5
14
VBS(ON)
Base-source ON
voltage
VGS =10V IC =3A IB =0.6A
VGS =10V IC =1A IB =100mA
1
1
1.2
V
V
VGS(th)
Gate threshold voltage
VBS =VGS IB =250µA
1.5
3
V
Ciss
Input capacitance
VCS =25V f =1MHz
VGS=0V
750
pF
QGS(tot)
Gate-source Charge
VCS=15V
VGS=10V
VCB=0V
IC =4A
12.5
nC
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
VGS =10V
RG =47Ω
VClamp =1360V tp =4µs
IC =3A
IB =0.6A
1000
15
ns
ns
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
VGS =10V
RG =47Ω
VClamp =1360V tp =4µs
IC =3A
IB =0.3A
590
15
ns
ns
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC =VClamp =400V
VGS =10V
IC =1.5A
IB = 0.1A
RG =47Ω
tpeak =500ns
IBpeak =3A
9.5
V


Similar Part No. - STC03DE170HV_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
More results

Similar Description - STC03DE170HV_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC05DE120HV STMICROELECTRONICS-STC05DE120HV Datasheet
229Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1200V - 5A - 0.18 ohm
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com