Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHK4600 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHK4600
Description  High Intensity LED in ∅ 3 mm Tinted Diffused Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK4600 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHK4600_04 Datasheet HTML 1Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 2Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 3Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 4Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 5Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
TLHK4600
Document Number 83102
Rev. 1.5, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e2 Pb
Pb-free
19222
High Intensity LED in
∅ 3 mm Tinted Diffused Package
Description
This device has been designed to meet the increasing
demand for AlInGaP technology.
It is housed in a 3 mm clear plastic package. The wide
viewing angle of these devices provides a high on-off
contrast.
All packing units are categorized in luminous intensity
groups. That allows users to assemble LEDs with uni-
form appearance.
Features
• AlInGaP technology
• Standard
∅ 3 mm (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Very wide viewing angle
• Luminous intensity categorized
• Lead-free device
Applications
Status lights
OFF / ON indicator
Background illumination
Readout lights
Maintenance lights
Legend light
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLHK4600
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLHK4600
Red, IV > 6.3 mcd
60 °
AllnGaP on GaAs
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
DC Forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
0.1
A
Power dissipation
Tamb ≤ 60 °C
PV
80
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
400
K/W


Similar Part No. - TLHK4600_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK4600 VISHAY-TLHK4600_V01 Datasheet
106Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHK4600_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLHE4600 VISHAY-TLHE4600 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE4400 VISHAY-TLHE4400 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF4600 VISHAY-TLHF4600 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHK4400 VISHAY-TLHK4400 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4400 VISHAY-TLHF4400_V01 Datasheet
111Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHK44R1S2 VISHAY-TLHK44R1S2_V01 Datasheet
109Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4200 VISHAY-TLHF4200 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Non . Diffused Package
Rev. A1, 04-Feb-99
TLHF4601 VISHAY-TLHF4601 Datasheet
107Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com