Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40-19YWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # SA40-19YWA
Description  100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA40-19YWA Datasheet(HTML) 5 Page - Kingbright Corporation

  SA40-19YWA Datasheet HTML 1Page - Kingbright Corporation SA40-19YWA Datasheet HTML 2Page - Kingbright Corporation SA40-19YWA Datasheet HTML 3Page - Kingbright Corporation SA40-19YWA Datasheet HTML 4Page - Kingbright Corporation SA40-19YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAD2335
REV NO: V.7
DATE: JUN/04/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000464
PACKING & LABEL SPECIFICATIONS
SA40-19YWA


Similar Part No. - SA40-19YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA40-19YWA KINGBRIGHT-SA40-19YWA Datasheet
185Kb / 5P
   100mm (4.0inch) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SA40-19YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA40-19EWA KINGBRIGHT-SA40-19EWA Datasheet
243Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-19SRWA KINGBRIGHT-SC40-19SRWA Datasheet
242Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SA40-18YWA KINGBRIGHT-SA40-18YWA Datasheet
244Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-19EWA KINGBRIGHT-SC40-19EWA Datasheet
242Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-18SRWA KINGBRIGHT-SC40-18SRWA Datasheet
241Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
List of Unclassifed Man...
SC40-19SRWA ETC2-SC40-19SRWA Datasheet
372Kb / 4P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SC40-19YWA KINGBRIGHT-SC40-19YWA Datasheet
243Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SA40-18GWA KINGBRIGHT-SA40-18GWA Datasheet
242Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-19GWA KINGBRIGHT-SC40-19GWA Datasheet
242Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-18YWA KINGBRIGHT-SC40-18YWA Datasheet
243Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com