Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC15-11YWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # TC15-11YWA
Description  38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC15-11YWA Datasheet(HTML) 1 Page - Kingbright Corporation

  TC15-11YWA Datasheet HTML 1Page - Kingbright Corporation TC15-11YWA Datasheet HTML 2Page - Kingbright Corporation TC15-11YWA Datasheet HTML 3Page - Kingbright Corporation TC15-11YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2449
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000546
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
Part Number: TC15-11YWA
Yellow
Features
1.5 INCH MATRIX HEIGHT.
DOT SIZE 3.7mm.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMPATIBLE WITH ASCII AND EBCDIC CODES.
STACKABLE HORIZONTALLY AND VERTICALLY.
COLUMN CATHODE AND COLUMN ANODE AVAILABLE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE DOT.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Similar Part No. - TC15-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11SRWA KINGBRIGHT-TC15-11SRWA Datasheet
212Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
More results

Similar Description - TC15-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBC15-11EGWA KINGBRIGHT-TBC15-11EGWA Datasheet
258Kb / 5P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11GWA KINGBRIGHT-TA15-11GWA Datasheet
154Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TBA15-11EGWA KINGBRIGHT-TBA15-11EGWA Datasheet
177Kb / 5P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11SRWA KINGBRIGHT-TA15-11SRWA Datasheet
152Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11SRWA KINGBRIGHT-TC15-11SRWA Datasheet
212Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11YWA KINGBRIGHT-TA15-11YWA Datasheet
154Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11EWA KINGBRIGHT-TA15-11EWA Datasheet
112Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
logo
China Semiconductor Cor...
CSM-88137G CHINASEMI-CSM-88137G Datasheet
217Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com