Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G02DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G02DCKRG4
Description  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G02DCKRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
GND
GND
GND
V
CC
V
CC
V
CC
B
B
B
A
A
A
Y
Y
Y
DRY PACKAGE
(TOP VIEW)
GND
V
CC
B
6
5
4
2
3
A
Y
NC
1
PR
EVIE
W
YZP PACKAGE
(BOTTOMVIEW)
YFP PACKAGE
(BOTTOMVIEW)
GND
V
CC
B
A
Y
PR
EVIE
W
Seemechanicaldrawingsfordimensions.
NC-Nointernalconnection
DNU-Donotuse
GND
B
A
V
CC
Y
5
4
1
2
3
6
4
1
2
3
DNU
5
DESCRIPTION/ORDERING INFORMATION
This single 2-input positive-NOR gate performs the Boolean function Y =
+
or Y =
A
B
A
B
in positive logic.
SN74AUP1G02
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SCES568D – JUNE 2004 – REVISED MAY 2007
• Available in the Texas Instruments
• Optimized for 3.3-V Operation
NanoFree™ Package
• 3.6-V I/O Tolerant to Support Mixed-Mode
• Low Static-Power Consumption
Signal Operation
(I
CC = 0.9 µA Max)
• t
pd = 4.5 ns Max at 3.3 V
• Low Dynamic-Power Consumption
• Suitable for Point-to-Point Applications
(C
pd = 4.3 pF Typ at 3.3 V)
• Latch-Up Performance Exceeds 100 mA Per
• Low Input Capacitance (C
i = 1.5 pF Typ)
JESD 78, Class II
• Low Noise – Overshoot and Undershoot
• ESD Performance Tested Per JESD 22
<10% of V
CC
2000-V Human-Body Model
• I
off Supports Partial-Power-Down Mode
(A114-B, Class II)
Operation
200-V Machine Model (A115-A)
• Input Hysteresis Allows Slow Input Transition
1000-V Charged-Device Model (C101)
and Better Switching-Noise Immunity at the
• ESD Protection Exceeds ±5000 V With
Input (V
hys = 250 mV Typ at 3.3 V)
Human-Body Model
• Wide Operating V
CC Range of 0.8 V to 3.6 V
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see Figure 1 and Figure 2).
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP1G02DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02DCKRG4 TI-SN74AUP1G02DCKRG4 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUP1G02DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com