Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA56-12EWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # CA56-12EWA
Description  14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CA56-12EWA Datasheet(HTML) 2 Page - Kingbright Corporation

  CA56-12EWA Datasheet HTML 1Page - Kingbright Corporation CA56-12EWA Datasheet HTML 2Page - Kingbright Corporation CA56-12EWA Datasheet HTML 3Page - Kingbright Corporation CA56-12EWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD2362
REV NO: V.6
DATE: JUN/16/2006
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP:1304000087
Selection Guide
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
CA56-12EWA
HIGH EFFICIENCY RED (GaAsP/GaP)
WHITE DIFFUSED
1200
6400
Common Anode, Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
2.0
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR = 5V
Parameter
High Efficiency Red
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 5 Seconds
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Similar Part No. - CA56-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CA56-12GWA KINGBRIGHT-CA56-12GWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-12SRWA KINGBRIGHT-CA56-12SRWA Datasheet
160Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - CA56-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21EWA KINGBRIGHT-CA56-21EWA Datasheet
133Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11EWA KINGBRIGHT-CC56-11EWA Datasheet
162Kb / 4P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SYKWA KINGBRIGHT-CC56-11SYKWA Datasheet
361Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-21GWA KINGBRIGHT-CC56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-12EWA KINGBRIGHT-CC56-12EWA Datasheet
134Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11CGKWA KINGBRIGHT-CC56-11CGKWA Datasheet
362Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-11SURKWA KINGBRIGHT-CA56-11SURKWA Datasheet
371Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SURKWA KINGBRIGHT-CC56-11SURKWA Datasheet
363Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11GWA KINGBRIGHT-CC56-11GWA Datasheet
81Kb / 3P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21GWA KINGBRIGHT-CA56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com