Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9225 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9225
Description  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9225_03 Datasheet HTML 3Page - Analog Devices AD9225_03 Datasheet HTML 4Page - Analog Devices AD9225_03 Datasheet HTML 5Page - Analog Devices AD9225_03 Datasheet HTML 6Page - Analog Devices AD9225_03 Datasheet HTML 7Page - Analog Devices AD9225_03 Datasheet HTML 8Page - Analog Devices AD9225_03 Datasheet HTML 9Page - Analog Devices AD9225_03 Datasheet HTML 10Page - Analog Devices AD9225_03 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. B
AD9225
–7–
AIN (dB)
–40
–35
–30
–25
–20
–15
–10
–5
0
90
30
60
50
40
70
80
SNR INT 2V REF
SFDR INT 2V REF
TPC 7. SNR/SFDR vs. AIN (Input Amplitude)
(fIN = 12.5 MHz, Input Span = 4.0 V p-p, VCM = 2.5 V
Differential Input)
FREQUENCY (MHz)
–65
–70
–90
1
10
–75
–80
–85
0.5dB 2V INT REF
20.0dB 2V INT REF
6.0dB 2V INT REF
TPC 8. THD vs. Input Frequency (Input Span =
4.0 V p-p, VCM = 2.5 V Single-Ended Input)
BIN
N – 1
N
N + 1
3299
246447
4206
TPC 9. Grounded-Input Histogram (Input Span =
40 V p-p)
–70
–75
–90
10
–80
–85
INT 1V REF
INT 2V REF
FREQUENCY (MHz)
TPC 10. THD vs. Sample Rate, (AIN = –0.5 dB,
VCM = 2.5 V, Input Span = 4.0 V p-p Differential Input)
FREQUENCY (MHz)
75
70
50
1
10
65
60
55
20.0dB 2V INT REF
6.0dB 2V INT REF
0.5dB 2V INT REF
TPC 11. SNR vs. Input Frequency (Input Span =
4.0 V p-p, VCM = 2.5 V Single-Ended Input)


Similar Part No. - AD9225_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225-EB AD-AD9225-EB Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225AR AD-AD9225AR Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225AR AD-AD9225AR Datasheet
988Kb / 26P
   Monolithic A/D Converter
AD9225ARS AD-AD9225ARS Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225ARS AD-AD9225ARS Datasheet
988Kb / 26P
   Monolithic A/D Converter
More results

Similar Description - AD9225_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com