Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LCRDIE6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7LCRDIE6
Description  Full-speed USB MCU with smartcard interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7LCRDIE6 Datasheet HTML 3Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 4Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 5Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 6Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 7Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 8Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 9Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 10Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ST7LCR
7/29
2
Pin description
Figure 2.
24-lead VFQFPN package pinout
4
3
5
6
7
8
11
12
13
14
15
16
17
18
19
20
21
22
2
1
23
24
910
C8
CRDRST
CRDCLK
C4
CRDIO
USBVCC
DP
DM
NC
NC
GND
CRDVCC
Table 2.
Pin description
Pin
number
Pin name
Level
Port/control
Main function
(after reset)
Alternate function
Input Output
VFQFPN24
1
CDRVCC
O
CT X
Smartcard supply pin
2
CRDRST
O
CT X
X
Smartcard reset
3
CRDCLK
O
CT X
X
Smartcard clock
4C4
O
CT X
X
Smartcard C4
5
CRDIO
I/O
CT
X
X
X
Smartcard I/O
6C8
O
CT X
X
Smartcard C8
7
CRDDET
I
CT
X
Smartcard detection
8
NC
Not used(1)
9
NC
Not used(1)
10
NC
Not used(1)


Similar Part No. - ST7LCRDIE6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L09 STMICROELECTRONICS-ST7L09 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7L19 STMICROELECTRONICS-ST7L19 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
More results

Similar Description - ST7LCRDIE6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7GEME4 STMICROELECTRONICS-ST7GEME4 Datasheet
377Kb / 28P
   Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
   Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051T622 SILABS-C8051T622 Datasheet
75Kb / 3P
   Full Speed USB EEPROM MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
C8051T620 SILABS-C8051T620 Datasheet
87Kb / 2P
   Full Speed USB EPROM MCU Family
logo
STMicroelectronics
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
   Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com