Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA79M05CKCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UA79M05CKCS
Description  NEGATIVE-VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA79M05CKCS Datasheet(HTML) 1 Page - Texas Instruments

  UA79M05CKCS Datasheet HTML 1Page - Texas Instruments UA79M05CKCS Datasheet HTML 2Page - Texas Instruments UA79M05CKCS Datasheet HTML 3Page - Texas Instruments UA79M05CKCS Datasheet HTML 4Page - Texas Instruments UA79M05CKCS Datasheet HTML 5Page - Texas Instruments UA79M05CKCS Datasheet HTML 6Page - Texas Instruments UA79M05CKCS Datasheet HTML 7Page - Texas Instruments UA79M05CKCS Datasheet HTML 8Page - Texas Instruments UA79M05CKCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
µA79M00 SERIES
NEGATIVEVOLTAGE REGULATORS
SLVS060K − JUNE 1976 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 3-Terminal Regulators
D Output Current Up To 500 mA
D No External Components
D High Power-Dissipation Capability
D Internal Short-Circuit Current Limiting
D Output Transistor Safe-Area Compensation
µA79M05, µA79M08 . . . KTP PACKAGE
(TOP VIEW)
OUTPUT
INPUT
COMMON
INPUT
OUTPUT
µA79M05 . . . KC (TO-220) PACKAGE
(TOP VIEW)
COMMON
INPUT
OUTPUT
µA79M05 . . . KCS (TO-220) PACKAGE
(TOP VIEW)
COMMON
description/ordering information
This series of fixed-negative-voltage integrated-circuit voltage regulators is designed to complement the
µA78M00 series in a wide range of applications. These applications include on-card regulation for elimination
of noise and distribution problems associated with single-point regulation. Each of these regulators delivers up
to 500 mA of output current. The internal current-limiting and thermal-shutdown features of these regulators
essentially make them immune to overload. In addition to use as fixed-voltage regulators, these devices can
be used with external components to obtain adjustable output voltages and currents, and also as the
power-pass element in precision regulators.
ORDERING INFORMATION
TJ
VO(NOM)
(V)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PowerFLEX
 (KTP)
Reel of 3000
µA79M05CKTPR
µA79M05C
0
°C to 125°C
−5
TO-220 (KC)
Tube of 50
µA79M05CKC
A79M05C
0
°C to 125°C
−5
TO-220, short shoulder (KCS)
Tube of 20
µA79M05CKCS
µA79M05C
−8
PowerFLEX (KTP)
Reel of 3000
µA79M08CKTPR
µA79M08C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerFLEX is a trademark of Texas Instruments.


Similar Part No. - UA79M05CKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA79M05CKCS TI-UA79M05CKCS Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M05CKCS TI-UA79M05CKCS Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M05CKCS TI-UA79M05CKCS Datasheet
324Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M05CKCS TI1-UA79M05CKCS Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M05CKCS TI1-UA79M05CKCS Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Similar Description - UA79M05CKCS

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com