Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2700000707051B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AN2700000707051B
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN2700000707051B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AN2700000707051B Datasheet HTML 4Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 5Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 6Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 7Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 8Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 9Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 10Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 11Page - List of Unclassifed Manufacturers AN2700000707051B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2001 Sep 27 Rev.1
10
www.phycomp-components.com
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
Table 4
Dimensions of blister tape; see Fig.7
Notes
1.
Possible product displacement in pocket.
2.
P0 pitch tolerance over any 10 pitches is
±0.2 mm.
SYMBOL
DIMENSION
TOL.
UNIT
A0 nominal clearance; note 1
5.85
±0.10
mm
B0 nominal clearance; note 1
7.60
±0.10
mm
K0 minimum clearance; note 1
1.70
±0.10
mm
W16.0
±0.3
mm
E1.75
±0.10
mm
F7.50
±0.10
mm
D0
1.55
±0.10
mm
D1
1.50
±0.10
mm
P0; note 2
4.0
±0.1
mm
P1
8.0
±0.1
mm
P2
2.0
±0.1
mm
T0.30
±0.10
mm


Similar Part No. - AN2700000707051B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2701 FREESCALE-AN2701 Datasheet
216Kb / 14P
   PWM Generation with the HC08 Timer
logo
STMicroelectronics
AN2703 STMICROELECTRONICS-AN2703 Datasheet
104Kb / 9P
   All datasheet parameters are rated as minimum or maximum values
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
   TSH173 triple video buffer with filter for SD video
AN2708 STMICROELECTRONICS-AN2708 Datasheet
1Mb / 42P
   2X36 W digital dimmable ballast with L6574 and ST7FDALI
More results

Similar Description - AN2700000707051B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com