Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7104SRD-F Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP7104SRD-F
Description  T-1 (3mm) SOLID STATE LAMP Super Bright Red
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104SRD-F Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7104SRD-F Datasheet HTML 1Page - Kingbright Corporation WP7104SRD-F Datasheet HTML 2Page - Kingbright Corporation WP7104SRD-F Datasheet HTML 3Page - Kingbright Corporation WP7104SRD-F Datasheet HTML 4Page - Kingbright Corporation WP7104SRD-F Datasheet HTML 5Page - Kingbright Corporation WP7104SRD-F Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2334
REV NO: V.2
DATE: MAY/10/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101008405-04
T-1 (3mm) SOLID STATE LAMP
Part Number: WP7104SRD/F
Super Bright Red
Features
LOW POWER CONSUMPTION.
POPULAR T-1 DIAMETER PACKAGE.
GENERAL PURPOSE LEADS.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
AVAILABLE ON TAPE AND REEL.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP7104SRD-F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104SRD-D KINGBRIGHT-WP7104SRD-D Datasheet
261Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
WP7104SRD-E KINGBRIGHT-WP7104SRD-E Datasheet
261Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
WP7104SRD-J KINGBRIGHT-WP7104SRD-J Datasheet
264Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
More results

Similar Description - WP7104SRD-F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104SRC-D KINGBRIGHT-WP7104SRC-D Datasheet
261Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
WP7104SRC-E KINGBRIGHT-WP7104SRC-E Datasheet
262Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
WP7104SRD-E KINGBRIGHT-WP7104SRD-E Datasheet
261Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
WP7104SRD-D KINGBRIGHT-WP7104SRD-D Datasheet
261Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
WP7104SRD-J KINGBRIGHT-WP7104SRD-J Datasheet
264Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Red
L-934HD KINGBRIGHT-L-934HD Datasheet
60Kb / 3P
   T-1 (3mm) SOLID STATE LAMP BRIGHT RED
WP7104SEC KINGBRIGHT-WP7104SEC Datasheet
259Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Orange
WP7104SGC KINGBRIGHT-WP7104SGC Datasheet
262Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Green
WP7104SYT KINGBRIGHT-WP7104SYT Datasheet
259Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Yellow
WP7104SET KINGBRIGHT-WP7104SET Datasheet
259Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Orange
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com