Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7104VGC-A Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP7104VGC-A
Description  T-1 (3mm) SOLID STATE LAMP Green
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104VGC-A Datasheet(HTML) 2 Page - Kingbright Corporation

  WP7104VGC-A Datasheet HTML 1Page - Kingbright Corporation WP7104VGC-A Datasheet HTML 2Page - Kingbright Corporation WP7104VGC-A Datasheet HTML 3Page - Kingbright Corporation WP7104VGC-A Datasheet HTML 4Page - Kingbright Corporation WP7104VGC-A Datasheet HTML 5Page - Kingbright Corporation WP7104VGC-A Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAG5688
REV NO: V.4
DATE: APR/01/2008
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: K.Xia
ERP: 1101016594-01
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP7104VGC/A
Green (InGaN)
WATER CLEAR
1200
3000
34
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
520
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
525
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
35
nm
IF=20mA
C
Capacitance
Green
100
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
3.2
4
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR = 5V
Parameter
Green
Units
Power dissipation
120
mW
DC Forward Current
30
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
yali
n
數位簽署者:yalin
DN:cn=yalin, o,
ou,
email=sjhou@cn.
kingbright.com, c=<
無>
日期︰2008.04.01
16:00:26 +08'00'


Similar Part No. - WP7104VGC-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104VGC-Z KINGBRIGHT-WP7104VGC-Z Datasheet
269Kb / 6P
   T-1 (3mm) SOLID STATE LAMP GREEN
More results

Similar Description - WP7104VGC-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104GC KINGBRIGHT-WP7104GC Datasheet
414Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Green
WP7104CGCK KINGBRIGHT-WP7104CGCK Datasheet
258Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Green
WP7104TGC-Z KINGBRIGHT-WP7104TGC-Z Datasheet
412Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Green
WP7104VGC-Z KINGBRIGHT-WP7104VGC-Z Datasheet
269Kb / 6P
   T-1 (3mm) SOLID STATE LAMP GREEN
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP132XIT KINGBRIGHT-WP132XIT_15 Datasheet
313Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10SED KINGBRIGHT-WP710A10SED_15 Datasheet
325Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SRC-J4 KINGBRIGHT-WP710A10SRC-J4_15 Datasheet
321Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SURC-E KINGBRIGHT-WP710A10SURC-E_15 Datasheet
318Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GD5V KINGBRIGHT-WP710A10GD5V_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com