Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7113SGD Datasheet(PDF) 5 Page - Kingbright Corporation

Part # WP7113SGD
Description  T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Green
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113SGD Datasheet(HTML) 5 Page - Kingbright Corporation

  WP7113SGD Datasheet HTML 1Page - Kingbright Corporation WP7113SGD Datasheet HTML 2Page - Kingbright Corporation WP7113SGD Datasheet HTML 3Page - Kingbright Corporation WP7113SGD Datasheet HTML 4Page - Kingbright Corporation WP7113SGD Datasheet HTML 5Page - Kingbright Corporation WP7113SGD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAF2427
REV NO: V.2
DATE: MAY/10/2007
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101005231


Similar Part No. - WP7113SGD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113SGD14V KINGBRIGHT-WP7113SGD14V Datasheet
399Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113SGD14V KINGBRIGHT-WP7113SGD14V_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113SGD5V KINGBRIGHT-WP7113SGD5V Datasheet
398Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113SGD5V KINGBRIGHT-WP7113SGD5V Datasheet
307Kb / 7P
   The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
WP7113SGD5V KINGBRIGHT-WP7113SGD5V_13 Datasheet
307Kb / 7P
   The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
More results

Similar Description - WP7113SGD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1503SGT KINGBRIGHT-WP1503SGT Datasheet
257Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Green
WP1503SGC KINGBRIGHT-WP1503SGC Datasheet
257Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Green
WP7083SGD KINGBRIGHT-WP7083SGD Datasheet
108Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP SUPER BRIGHT GREEN
WP7113SYD KINGBRIGHT-WP7113SYD Datasheet
256Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Yellow
WP7113SRC-DU KINGBRIGHT-WP7113SRC-DU Datasheet
258Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Red
WP7113SRD-D KINGBRIGHT-WP7113SRD-D Datasheet
258Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Red
WP7113SYT KINGBRIGHT-WP7113SYT Datasheet
256Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Yellow
WP7083SYD-J KINGBRIGHT-WP7083SYD-J Datasheet
391Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP SUPER BRIGHT YELLOW
WP7113SET KINGBRIGHT-WP7113SET Datasheet
257Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Orange
WP7113SRD-F KINGBRIGHT-WP7113SRD-F Datasheet
258Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Red
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com