Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7113SYD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP7113SYD
Description  T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Yellow
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113SYD Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7113SYD Datasheet HTML 1Page - Kingbright Corporation WP7113SYD Datasheet HTML 2Page - Kingbright Corporation WP7113SYD Datasheet HTML 3Page - Kingbright Corporation WP7113SYD Datasheet HTML 4Page - Kingbright Corporation WP7113SYD Datasheet HTML 5Page - Kingbright Corporation WP7113SYD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2443
REV NO: V.2
DATE: MAY/10/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101005345
T-1 3/4 (5mm) SOLID STATE LAMP
Part Number: WP7113SYD
Super Bright Yellow
Features
LOW POWER CONSUMPTION.
POPULAR T-1 3/4 DIAMETER PACKAGE.
GENERAL PURPOSE LEADS.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
AVAILABLE ON TAPE AND REEL.
RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with DH InGaAlP
(on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP7113SYD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113SYD KINGBRIGHT-WP7113SYD_15 Datasheet
318Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - WP7113SYD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113SYT KINGBRIGHT-WP7113SYT Datasheet
256Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Yellow
WP7083SYD-J KINGBRIGHT-WP7083SYD-J Datasheet
391Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP SUPER BRIGHT YELLOW
WP7113SYC KINGBRIGHT-WP7113SYC Datasheet
256Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Yellow
WP7113SYC-J KINGBRIGHT-WP7113SYC-J Datasheet
185Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP SUPER BRIGHT YELLOW
WP7113SGD KINGBRIGHT-WP7113SGD Datasheet
259Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Green
WP7113SRC-DU KINGBRIGHT-WP7113SRC-DU Datasheet
258Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Red
WP7113SRD-D KINGBRIGHT-WP7113SRD-D Datasheet
258Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Red
WP1503SGT KINGBRIGHT-WP1503SGT Datasheet
257Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Green
WP7113SET KINGBRIGHT-WP7113SET Datasheet
257Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Orange
WP7113SRD-F KINGBRIGHT-WP7113SRD-F Datasheet
258Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Red
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com