Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEC-4A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TEC-4A
Description  HIGH EFFICIENCY TEC CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEC-4A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TEC-4A Datasheet HTML 1Page - List of Unclassifed Manufacturers TEC-4A Datasheet HTML 2Page - List of Unclassifed Manufacturers TEC-4A Datasheet HTML 3Page - List of Unclassifed Manufacturers TEC-4A Datasheet HTML 4Page - List of Unclassifed Manufacturers TEC-4A Datasheet HTML 5Page - List of Unclassifed Manufacturers TEC-4A Datasheet HTML 6Page - List of Unclassifed Manufacturers TEC-4A Datasheet HTML 7Page - List of Unclassifed Manufacturers TEC-4A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
550 E . W eddell D rive, Su ite 4 , Sunnyva le, CA 94089 , U. S. A . Tel.: (408 ) 747 -9760 , Fax : (408 ) 747 -9770 , W eb: www .analogtechnologies.com
© Copyright 2000 – 2003, Analog Technologies, Inc. All Rights Reserved.
4
TEC-4A
Analog Technologies, Inc.
Figure 3 Top View of TEC-4A
VTEC
3V
TEMPSP
TEMP
CMIN
TECCRT
TEMPGD
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
RTH
TECNEG
TECPOS
PGND
VPS
PGND
SDNG
27mm
21.5mm
11mm
0.42mm
Figure 4 End View of TEC-4A
18mm
3mm
11mm
0.6mm
Figure 5 Side View of TEC-4A
2.54mm
3mm


Similar Part No. - TEC-4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-A1-3V-XX-D ETC2-TEC-A1-3V-XX-D Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-S ETC2-TEC-A1-3V-XX-S Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-5V-XX-D ETC2-TEC-A1-5V-XX-D Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-5V-XX-S ETC2-TEC-A1-5V-XX-S Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1LD ETC2-TEC-A1LD Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TEC-4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC6A101-DN ETC2-TEC6A101-DN Datasheet
174Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Technologies, In...
TEC5V4A-NT ANALOGTECHNOLOGIES-TEC5V4A-NT Datasheet
429Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TEC5V4A-D ANALOGTECHNOLOGIES-TEC5V4A-D Datasheet
415Kb / 10P
   High Efficiency TEC Controller
4/28/2022
TEC5V6A-D ANALOGTECHNOLOGIES-TEC5V6A-D Datasheet
892Kb / 11P
   High Efficiency TEC Controller
5/3/2022
logo
List of Unclassifed Man...
TEC-A1LD ETC2-TEC-A1LD Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Technologies, In...
TEC5V6A-NT ANALOGTECHNOLOGIES-TEC5V6A-NT Datasheet
821Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
TEC14M5V3R5AS ANALOGTECHNOLOGIES-TEC14M5V3R5AS Datasheet
375Kb / 6P
   High Efficiency Micro TEC Controller
1/29/2022
TECA1-XV-XV-D ANALOGTECHNOLOGIES-TECA1-XV-XV-D Datasheet
525Kb / 16P
   High Efficiency 2.5A TEC Controller
6/20/2022
TECA1-XV-XV-DAH ANALOGTECHNOLOGIES-TECA1-XV-XV-DAH Datasheet
511Kb / 16P
   High Efficiency 2.5A TEC Controller
6/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com