Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEC6A101-D Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TEC6A101-D
Description  HIGH EFFICIENCY TEC CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEC6A101-D Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  TEC6A101-D Datasheet HTML 1Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 2Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 3Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 4Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 5Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 6Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 7Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 8Page - List of Unclassifed Manufacturers TEC6A101-D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www .analogt echnologies.com
© Copyrights 2000 – 2004, Analog Technologies, Inc. All Rights Reserved.
9
TEC6A101-DN
Analog Technologies, Inc.
Important Notice
A.
ATI provides one year warrantee for its products, except for those being damaged by excessive abuse.
B.
ATI reserves the right to make changes to its products or to discontinue any product or service without notice, and
advise customers to obtain the latest version of relevant information to verify, before placing orders, that information
being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the
time of order acknowledgment, including those pertaining to warranty, patent infringement, and limitation of liability.
ATI warrants performance of its products to the specifications applicable at the time of sale in accordance with ATI’s
standard warranty. Testing and other quality control techniques are utilized to the extent ATI deems necessary to
support this warranty. Specific testing of all parameters of each device is not necessarily performed, except those
mandated by government requirements. Customers are responsible for their applications using ATI components. In
order to minimize risks associated with the customer’s applications, adequate design and operating safeguards must be
provided by the customer to minimize inherent or procedural hazards. ATI assumes no liability for applications
assistance or customer product design. ATI does not warrant or represent that any license, either express or implied, is
granted under any patent right, copyright, mask work right, or other intellectual property right of ATI covering or
relating to any combination, machine, or process in which such products or services might be or are used. ATI’s
publication of information regarding any third party’s products or services does not constitute ATI’s approval, warranty
or endorsement thereof.
C.
IP (Intellectual Property) ownership: ATI retains the ownership of full rights for special technologies or techniques
embedded in its products, the designs for mechanics, optics, plus all modifications, improvements, and inventions made
by ATI for the products and/or projects.


Similar Part No. - TEC6A101-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-3V-XX ETC2-TEC-4A-3V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-5V-XX ETC2-TEC-4A-5V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-D ETC2-TEC-A1-3V-XX-D Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-S ETC2-TEC-A1-3V-XX-S Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TEC6A101-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Technologies, In...
TEC5V4A-NT ANALOGTECHNOLOGIES-TEC5V4A-NT Datasheet
429Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TEC5V4A-D ANALOGTECHNOLOGIES-TEC5V4A-D Datasheet
415Kb / 10P
   High Efficiency TEC Controller
4/28/2022
TEC5V6A-D ANALOGTECHNOLOGIES-TEC5V6A-D Datasheet
892Kb / 11P
   High Efficiency TEC Controller
5/3/2022
logo
List of Unclassifed Man...
TEC-A1LD ETC2-TEC-A1LD Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Technologies, In...
TEC5V6A-NT ANALOGTECHNOLOGIES-TEC5V6A-NT Datasheet
821Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
TEC14M5V3R5AS ANALOGTECHNOLOGIES-TEC14M5V3R5AS Datasheet
375Kb / 6P
   High Efficiency Micro TEC Controller
1/29/2022
TECA1-XV-XV-D ANALOGTECHNOLOGIES-TECA1-XV-XV-D Datasheet
525Kb / 16P
   High Efficiency 2.5A TEC Controller
6/20/2022
TECA1-XV-XV-DAH ANALOGTECHNOLOGIES-TECA1-XV-XV-DAH Datasheet
511Kb / 16P
   High Efficiency 2.5A TEC Controller
6/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com