Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC9881IRGET Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC9881IRGET
Description  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC9881IRGET Datasheet(HTML) 1 Page - Texas Instruments

  DAC9881IRGET Datasheet HTML 1Page - Texas Instruments DAC9881IRGET Datasheet HTML 2Page - Texas Instruments DAC9881IRGET Datasheet HTML 3Page - Texas Instruments DAC9881IRGET Datasheet HTML 4Page - Texas Instruments DAC9881IRGET Datasheet HTML 5Page - Texas Instruments DAC9881IRGET Datasheet HTML 6Page - Texas Instruments DAC9881IRGET Datasheet HTML 7Page - Texas Instruments DAC9881IRGET Datasheet HTML 8Page - Texas Instruments DAC9881IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DAC9881
1
FEATURES
DESCRIPTION
APPLICATIONS
R
FB
(1)
Control
Logic
DV
DD
DGND
IOV
DD
AGND
AV
DD
V
-S
REFH
V
-F
REFH
RST
RSTSEL
USB/BTC
GAIN
SDI
CS
SCLK
Input
Register
DAC
Latch
LDAC
V
-S
REFL
V
-F
REFL
Resistor
Network
DAC
NOTE:(1) R
=5k
forgain=1,
W
FB
R
=10k
forgain=2.
W
FB
DAC9881
SerialOut
Control
SDOSEL
SDO
Power-On
Reset
PDN
V
OUT
R
FB
DAC9881
www.ti.com........................................................................................................................................................................................................ SBAS438 – MAY 2008
18-Bit, Single-Channel, Low-Noise, Voltage-Output
DIGITAL-TO-ANALOG CONVERTER
23
• Relative Accuracy: ±2 LSB
The
DAC9881
is
an
18-bit,
single-channel,
voltage-output digital-to-analog converter (DAC) that
• 18-Bit Monotonic Over Temperature Range
offers low-power operation and a flexible SPI serial
• Low-Noise: 24nV/√Hz
interface.
It
also
features
18-bit
monotonicity,
• Fast Settling: 5µs
excellent linearity, and fast settling time. The on-chip
• On-Chip Output Buffer Amplifier with
precision output amplifier allows rail-to-rail output
swing to be achieved over the full supply range of
Rail-to-Rail Operation
4.75V to 5.5V.
• Single Power Supply: +4.75V to +5.5V
The device supports a standard SPI serial interface
• DAC Loading Control
capable of operating with input data clock frequencies
• Selectable Power-On Reset to Zero-Scale or
up to 50MHz. The DAC9881 requires an external
Midscale
reference voltage to set the output range of the DAC
• Power-Down Mode
channel. A programmable power-on reset circuit is
also incorporated into the device to ensure that the
• Unipolar Straight Binary or
DAC output powers up at zero-scale or midscale, and
2s Complement Input Mode
remains there until a valid write command.
• Fast SPI™ Interface with Schmitt-Triggered
Additionally, the device has the capability to function
Inputs:
in either unipolar straight binary or 2s complement
Up To 50MHz, 1.8V/3V/5V Logic
mode. The DAC9881 provides a power-down feature,
• Small Package: QFN-24, 4mm × 4mm
accessed over the PDN pin, that reduces the current
consumption to 25
µA at 5V. Power consumption is
6mW at 5V, reducing to 125
µW in power-down mode.
• Industrial Process Control
The DAC9881 is available in a 4mm
× 4mm QFN-24
• Data Acquisition Systems
package with a specified operating temperature range
• Automatic Test Equipment
of –40
°C to +85°C.
• Communications
• Optical Networking
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2008, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - DAC9881IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881B TI1-DAC9881B Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881S TI1-DAC9881S Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881SB TI1-DAC9881SB Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC9881IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com