Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD234 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD234
Description  3.3-V CAN TRANSCEIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD234 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD234 Datasheet HTML 1Page - Texas Instruments SN65HVD234 Datasheet HTML 2Page - Texas Instruments SN65HVD234 Datasheet HTML 3Page - Texas Instruments SN65HVD234 Datasheet HTML 4Page - Texas Instruments SN65HVD234 Datasheet HTML 5Page - Texas Instruments SN65HVD234 Datasheet HTML 6Page - Texas Instruments SN65HVD234 Datasheet HTML 7Page - Texas Instruments SN65HVD234 Datasheet HTML 8Page - Texas Instruments SN65HVD234 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557D − NOVEMBER 2002 REVISED JUNE 2005
www.ti.com
5
DRIVER SWITCHING CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RS at 0 V, See Figure 4
35
85
tPLH
Propagation delay time, low-to-high-level output
RS with 10 kΩ to ground, See Figure 4
70
125
ns
tPLH
Propagation delay time, low-to-high-level output
RS with 100 kΩ to ground, See Figure 4
500
870
ns
RS at 0 V, See Figure 4
70
120
tPHL
Propagation delay time, high-to-low-level output
RS with 10 kΩ to ground, See Figure 4
130
180
ns
tPHL
Propagation delay time, high-to-low-level output
RS with 100 kΩ to ground, See Figure 4
870
1200
ns
RS at 0 V, See Figure 4
35
tsk(p)
Pulse skew (|tPHL – tPLH|)
RS with 10 kΩ to ground, See Figure 4
60
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
RS with 100 kΩ to ground, See Figure 4
370
ns
tr
Differential output signal rise time
RS at 0 V, See Figure 4
20
70
ns
tf
Differential output signal fall time
RS at 0 V, See Figure 4
20
70
ns
tr
Differential output signal rise time
RS with 10 kΩ to ground, See Figure 4
30
135
ns
tf
Differential output signal fall time
RS with 10 kΩ to ground, See Figure 4
30
135
ns
tr
Differential output signal rise time
RS with 100 kΩ to ground, See Figure 4
350
1400
ns
tf
Differential output signal fall time
RS with 100 kΩ to ground, See Figure 4
350
1400
ns
ten(s)
Enable time from standby to dominant
See Figures 8 and 9
0.6
1.5
s
ten(z)
Enable time from sleep to dominant
See Figures 8 and 9
1
5
µs
(1) All typical values are at 25°C and with a 3.3 V supply.
RECEIVER ELECTRICAL CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage
750
900
VIT−
Negative-going input threshold voltage
AB at 0 V, LBK at 0 V, EN at VCC, See Table 1
500
650
mV
Vhys
Hysteresis voltage (VIT+ VIT−)
AB at 0 V, LBK at 0 V, EN at VCC, See Table 1
100
mV
VOH
High-level output voltage
IO = −4 mA, See Figure 6
2.4
V
VOL
Low-level output voltage
IO = 4 mA, See Figure 6
0.4
V
CANH or CANL at 12 V
150
500
II
Bus input current
CANH or CANL at 12 V,
VCC at 0 V
Other bus pin at 0 V,
D at 3 V, AB at 0 V,
200
600
A
II
Bus input current
CANH or CANL at −7 V
D at 3 V, AB at 0 V,
LBK at 0 V, RS at 0 V,
EN at VCC
−610
−150
µA
CANH or CANL at −7 V,
VCC at 0 V
LBK at 0 V, RS at 0 V,
EN at VCC
−450
−130
CI
Input capacitance (CANH or CANL)
Pin-to-ground, VI = 0.4 sin (4E6πt) + 0.5V,
D at 3 V, AB at 0 V, LBK at 0 V, EN at VCC
40
pF
CID
Differential input capacitance
Pin-to-pin, VI = 0.4 sin (4E6πt) + 0.5V,
D at 3 V, AB at 0 V, LBK at 0 V, EN at VCC
20
pF
RID
Differential input resistance
D at 3 V, AB at 0 V, LBK at 0 V, EN at VCC
40
100
k
RIN
Input resistance (CANH or CANL)
D at 3 V, AB at 0 V, LBK at 0 V, EN at VCC
20
50
k
Sleep
EN at 0 V, D at VCC, Rs at 0 V or VCC
0.05
2
Standby
RS at VCC, D at VCC, AB at 0 V, LBK at 0 V,
EN at VCC
200
600
µA
ICC
Supply current
Dominant
D at 0 V, No Load, RS at 0 V, LBK at 0 V,
AB at 0 V, EN at VCC
6
mA
Recessive
D at VCC, No Load, RS at 0 V, LBK at 0 V,
AB at 0 V, EN at VCC
6
mA
(1) All typical values are at 25°C and with a 3.3 V supply.


Similar Part No. - SN65HVD234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD234 TI-SN65HVD234 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD234 TI-SN65HVD234 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234 TI-SN65HVD234 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD234 TI1-SN65HVD234 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SN65HVD234 TI1-SN65HVD234 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com