Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD234 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD234
Description  3.3-V CAN TRANSCEIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD234 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD234 Datasheet HTML 4Page - Texas Instruments SN65HVD234 Datasheet HTML 5Page - Texas Instruments SN65HVD234 Datasheet HTML 6Page - Texas Instruments SN65HVD234 Datasheet HTML 7Page - Texas Instruments SN65HVD234 Datasheet HTML 8Page - Texas Instruments SN65HVD234 Datasheet HTML 9Page - Texas Instruments SN65HVD234 Datasheet HTML 10Page - Texas Instruments SN65HVD234 Datasheet HTML 11Page - Texas Instruments SN65HVD234 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557D − NOVEMBER 2002 REVISED JUNE 2005
www.ti.com
8
VO
IO
R
VID
CANH
CANL
VI(CANL)
VI(CANH)
VI(CANH + VI(CANL)
2
VIC =
Figure 5. Receiver Voltage and Current Definitions
IO
R
CANH
CANL
VI
2.2 V
2.2 V
2.9 V
1.5 V
VOH
VOL
90%
10%
tr
tf
50%
VI
VO
tPLH
tPHL
(see Note C)
1.5 V
CL = 50 pF ±20%
(see Note D)
VO
10%
90%
50%
NOTES:C. The input pulse is supplied by a generator having the following characteristics: Pulse repetition rate (PRR)
≤ 125 kHz, 50% duty cycle,
tr ≤ 6ns, tf ≤ 6ns, ZO = 50Ω.
D. CL includes fixture and instrumentation capacitance.
Figure 6. Receiver Test Circuit and Voltage Waveforms
Table 1. Differential Input Voltage Threshold Test
INPUT
OUTPUT
MEASURED
VCANH
VCANL
R
|VID|
−6.1 V
−7 V
L
900 mV
12 V
11.1 V
L
VOL
900 mV
−1 V
−7 V
L
VOL
6 V
12 V
6 V
L
6 V
−6.5 V
−7 V
H
500 mV
12 V
11.5 V
H
500 mV
−7 V
−1 V
H
VOH
6 V
6 V
12 V
H
VOH
6 V
open
open
H
X
100
CANH
CANL
Rs, AB, EN, LBK, at 0 V or VCC
Pulse Generator
15
µs Duration
1% Duty Cycle
tr, tf ≤ 100 ns
R
D at 0 V or VCC
NOTE: This test is conducted to test survivability only. Data stability at the R output is not specified.
Figure 7. Test Circuit, Transient Over Voltage Test


Similar Part No. - SN65HVD234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD234 TI-SN65HVD234 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD234 TI-SN65HVD234 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234 TI-SN65HVD234 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD234 TI1-SN65HVD234 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SN65HVD234 TI1-SN65HVD234 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com