Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83627EHF_0611 Datasheet(PDF) 8 Page - Winbond

Part # W83627EHF_0611
Description  WINBOND LPC I/O
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83627EHF_0611 Datasheet(HTML) 8 Page - Winbond

Back Button W83627EHF_0611 Datasheet HTML 4Page - Winbond W83627EHF_0611 Datasheet HTML 5Page - Winbond W83627EHF_0611 Datasheet HTML 6Page - Winbond W83627EHF_0611 Datasheet HTML 7Page - Winbond W83627EHF_0611 Datasheet HTML 8Page - Winbond W83627EHF_0611 Datasheet HTML 9Page - Winbond W83627EHF_0611 Datasheet HTML 10Page - Winbond W83627EHF_0611 Datasheet HTML 11Page - Winbond W83627EHF_0611 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 144 page
background image
W83627EHF/EF, W83627EHG/EG
- 2 -
2. FEATURES
General
Meet LPC Spec. 1.01
Support LDRQ#(LPC DMA), SERIRQ (Serial IRQ)
Integrated Hardware Monitor functions
Compliant with Microsoft PC2000/PC2001 Hardware Design Guide
Support DPM (Device Power Management), ACPI
Programmable configuration settings
Single 24 or 48 MHz clock input
It is 3.3V level but 5V tolerance support
--- Besides LPC function pins(Pin21 ~ Pin30) and H/W monitor analog pins(Pin95 ~ Pin110)
--- Input level can up to 5V and maximum input level can be up to 5V+10%
FDC
Compatible with IBM PC AT disk drive systems
Variable write pre-compensation with track selectable capability
Support vertical recording format
DMA enable logic
16-byte data FIFOs
Support floppy disk drives and tape drives
Detects all overrun and underrun conditions
Built-in address mark detection circuit to simplify the read electronics
FDD anti-virus functions with software write protect and FDD write enable signal (write data signal
was forced to be inactive)
Support up to four 3.5-inch or 5.25-inch floppy disk drives
Completely compatible with industry standard 82077
360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
Support 3-mode FDD, and its Win95/98 driver
UART
Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
MIDI compatible
Fully programmable serial-interface characteristics:
--- 5, 6, 7 or 8-bit characters
--- Even, odd or no parity bit generation/detection
--- 1, 1.5 or 2 stop bits generation
Internal diagnostic capabilities:
--- Loop-back controls for communications link fault isolation
--- Break, parity, overrun, framing error simulation


Similar Part No. - W83627EHF_0611

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627EHF WINBOND-W83627EHF Datasheet
948Kb / 141P
   evolving product from Winbonds most popular I/O family
More results

Similar Description - W83627EHF_0611

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627THF WINBOND-W83627THF_06 Datasheet
990Kb / 142P
   Winbond LPC I/O
W83627THF WINBOND-W83627THF Datasheet
840Kb / 132P
   Winbond LPC I/O
W83697HG WINBOND-W83697HG Datasheet
710Kb / 109P
   WINBOND LPC I/O
W83627DHG WINBOND-W83627DHG Datasheet
1Mb / 268P
   WINBOND LPC I/O
W83627HG WINBOND-W83627HG Datasheet
1Mb / 131P
   Winbond LPC I/O
W83627UHG WINBOND-W83627UHG Datasheet
1Mb / 241P
   WINBOND LPC I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com