Electronic Components Datasheet Search |
|
SN74LV373ADBR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN74LV373ADBR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 22 page SN54LV373A, SN74LV373A OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCLS407J − APRIL 1998 − REVISED APRIL 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV373A SN74LV373A UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration, LE high 6 6.5 6.5 ns tsu Setup time, data before LE ↓ High or low 4.5 5 5 ns th Hold time, data after LE ↓ High or low 1.5 1.5 1.5 ns timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV373A SN74LV373A UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration, LE high 5 5 5 ns tsu Setup time, data before LE ↓ High or low 4 4 4 ns th Hold time, data after LE ↓ High or low 1 1 1 ns timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV373A SN74LV373A UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration, LE high 5 5 5 ns tsu Setup time, data before LE ↓ High or low 4 4 4 ns th Hold time, data after LE ↓ High or low 1 1 1 ns switching characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV373A SN74LV373A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd D Q 8.3* 15.2* 1* 17* 1 17 tpd LE Q CL = 15 pF 9.1* 15.7* 1* 19* 1 19 ns ten OE Q CL = 15 pF 8.9* 15.8* 1* 19* 1 19 ns tdis OE Q 6.2* 12.6* 1* 15* 1 15 tpd D Q 10.4 18 1 21 1 21 tpd LE Q 11.1 18.6 1 22 1 22 ten OE Q CL = 50 pF 10.9 18.8 1 22 1 22 ns tdis OE Q CL = 50 pF 8.3 17.4 1 19 1 19 ns tsk(o) 2 2 * On products compliant to MIL-PRF-38535, this parameter is not production tested. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN74LV373ADBR |
|
Similar Description - SN74LV373ADBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |