Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZ1011-3E Datasheet(PDF) 1 Page - NEC

Part # NEZ1011-3E
Description  N-CHANNEL GaAs MESFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ1011-3E Datasheet(HTML) 1 Page - NEC

  NEZ1011-3E Datasheet HTML 1Page - NEC NEZ1011-3E Datasheet HTML 2Page - NEC NEZ1011-3E Datasheet HTML 3Page - NEC NEZ1011-3E Datasheet HTML 4Page - NEC NEZ1011-3E Datasheet HTML 5Page - NEC NEZ1011-3E Datasheet HTML 6Page - NEC NEZ1011-3E Datasheet HTML 7Page - NEC NEZ1011-3E Datasheet HTML 8Page - NEC NEZ1011-3E Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice.
N-CHANNEL GaAs MESFET
NEZ1011-3E, NEZ1414-3E
3W X, Ku-BAND POWER GaAs MESFET
1998
©
Document No. P13726EJ1V0DS00 (1st edition)
Date Published September 1998 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The NEZ1011-3E and NEZ1414-3E are power GaAs MESFETs which provide high gain, high efficiency and high
output in X, Ku-band. The internal input and output matching enables guaranteed performance to be achieved with
only a 50
Ω external circuit. To reduce thermal resistance the device has a PHS (Plated Heat Sink) structure. The
device incorporates a WSi (tungsten silicide) gate structure for high reliability.
FEATURES
High Output Power : Po (1 dB) = +34.0 dBm typ.
High Linear Gain
: 8.5 dB typ. (NEZ1011-3E), 7.5 dB typ. (NEZ1414-3E)
High Efficiency
: 30 % typ.
Input and Output Internally Matched for Optimum performance
ORDERING INFORMATION
Part Number
Package
NEZ1011-3E
NEZ1414-3E
T-78
Remark To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order: NEZ1011-3E, NEZ1414-3E)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Operation in excess of any one of these parameters may result in permanent damage.
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
15
V
Gate to Source Voltage
VGS
–7
V
Drain Current
IDS
3.0 (NEZ1011-3E)
2.5 (NEZ1414-3E)
A
Gate Forward Current
IGF
+20
mA
Gate Reverse Current
IGR
–20
mA
Total Power Dissipation
PT
15
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
–65 to +175
°C
Caution Please handle this device at static-free workstation, because this is an electrostatic sensitive
device.


Similar Part No. - NEZ1011-3E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEZ1011-3E RENESAS-NEZ1011-3E Datasheet
199Kb / 14P
   N-CHANNEL GaAs MESFET
1998
More results

Similar Description - NEZ1011-3E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEZ1011-4E RENESAS-NEZ1011-4E Datasheet
198Kb / 14P
   N-CHANNEL GaAs MESFET
1998
NEZ1011-5E RENESAS-NEZ1011-5E Datasheet
198Kb / 14P
   N-CHANNEL GaAs MESFET
1998
NES1823P-100 RENESAS-NES1823P-100 Datasheet
265Kb / 22P
   N-CHANNEL GaAs MESFET
1998
NEZ1011-3E RENESAS-NEZ1011-3E Datasheet
199Kb / 14P
   N-CHANNEL GaAs MESFET
1998
logo
List of Unclassifed Man...
CF300 ETC-CF300 Datasheet
616Kb / 10P
   N- Channel-GaAs-MESFET-Tetrode Depletion Mode
logo
California Eastern Labs
NE72218 CEL-NE72218 Datasheet
37Kb / 5P
   C TO X BAND N-CHANNEL GaAs MESFET
logo
Mimix Broadband
CF001-01 MIMIX-CF001-01_08 Datasheet
364Kb / 3P
   GaAs MESFET Transistor
CF003-01 MIMIX-CF003-01 Datasheet
589Kb / 3P
   GaAs MESFET Transistor
logo
NEC
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
logo
California Eastern Labs
NE71383 CEL-NE71383 Datasheet
90Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com