Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73L1 Datasheet(PDF) 4 Page - CTS Corporation

Part # 73L1
Description  Thick Film Current Sensing Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73L1 Datasheet(HTML) 4 Page - CTS Corporation

  73L1 Datasheet HTML 1Page - CTS Corporation 73L1 Datasheet HTML 2Page - CTS Corporation 73L1 Datasheet HTML 3Page - CTS Corporation 73L1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
January 2008
CTS Electronic Components
www.ctscorp.com
Tape & Reel Information (cont.)
Embossed tape (mm) (For type 73L6, 73L7 and 73E6)
Reel (For all types)
Type
A
B
73L6 & 73E6
2.90 ±0.10
5.30 ±0.10
73L7
3.40 ±0.10
6.60 ±0.10
A
Type
Size
code
Qty/Reel
(mm)
0405
73L1
(1005)
10,000
11.5
±1.1
0603
73L2
(1608)
5,000
11.5
±1.1
0805
73L3
(2012)
5,000
11.5
±1.1
1206
73L4
(3216)
5,000
11.5
±1.1
1206
73E4
(3216)
5,000
11.5
±1.1
1210
73L5
(3225)
5,000
11.5
±1.1
2010
73L6 &
73E6
(5025)
4,000
15.4
±1.0
2512
73L7
(6432)
4,000
15.4
±1.0


Similar Part No. - 73L1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73L1R020F CTS-73L1R020F Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
73L1R020G CTS-73L1R020G Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
73L1R020J CTS-73L1R020J Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
73L1R47F CTS-73L1R47F Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
73L1R47G CTS-73L1R47G Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
More results

Similar Description - 73L1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
008-0337-0 CTS-008-0337-0 Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
logo
WALSIN TECHNOLOGY CORPO...
WWXXP WALSIN-WWXXP Datasheet
422Kb / 10P
   Thick Film High Power Current Sensing Chip Resistors
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
   CURRENT SENSING THICK FILM CHIP RESISTROS
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
   Thick Film Resistors
logo
Vishay Siliconix
SA VISHAY-SA_15 Datasheet
82Kb / 3P
   Current Sensing Wirebondable Thin Film Chip Resistors
Revision: 13-Mar-15
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
   Thick Film Resistors
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
   Thick Film Resistors
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com