Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL6SH100M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL6SH100M
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6SH100M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL6SH100M Datasheet HTML 1Page - Panasonic Semiconductor ELL6SH100M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s Dimensions in mm (not to scale)
s Characteristics (Reference)
s Connections (Top view)
s Recommended land patterns in mm (not to scale)
V
Current: This indicates the value of current when the inductance is 80% more than nominal value and
tenperature rising t=45 ¡C lower at D.C superposition. (at 20 ¡C)
Choke Coils
Inductance
DCR
at 100 kHz
at 20ûC
Current (max.)
Marking
Tol. ± 20 %
Tol. ± 20 %
ELL6RH
ELL6SH
ELL6RH
ELL6SH
H=2.5 mm
H=3.0 mm
H=2.5 mm
H=3.0 mm
1.0 µH
0.019 Ω
0.019 Ω
3000 mA
3400 mA
1R0
1.5
0.024
0.024
2400
3200
1R5
2.7
0.039
0.031
1800
2400
2R7
3.3
0.044
0.034
1600
2200
3R3
4.7
Ñ
0.042
Ñ
2000
4R7
5.1
0.056
Ñ
1550
Ñ
5R1
5.6
Ñ
0.049
Ñ
1800
5R6
6.2
0.062
Ñ
1400
Ñ
6R2
6.8
Ñ
0.052
Ñ
1500
6R8
7.5
0.080
Ñ
1250
Ñ
7R5
8.2
0.087
0.061
1200
1400
8R2
10
0.095
0.065
1100
1300
100
12
0.13
0.071
1000
1200
120
15
0.15
0.096
850
1100
150
18
0.17
0.11
800
1000
180
22
0.22
0.14
700
900
220
27
0.26
0.16
650
800
270
33
0.38
0.18
600
700
330
39
0.41
0.24
550
650
390
47
0.48
0.27
500
600
470
56
0.54
0.29
450
550
560
68
0.77
0.52
400
500
680
82
0.87
0.60
350
450
820
100
1.00
0.68
300
400
101
120
1.50
0.75
280
370
121
150
1.80
0.86
250
350
151
180
2.00
1.20
230
300
181


Similar Part No. - ELL6SH100M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6SH100M PANASONIC-ELL6SH100M Datasheet
152Kb / 2P
   SMD Choke Coils
ELL6SH100M PANASONIC-ELL6SH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type Large current capability RoHS compliant
More results

Similar Description - ELL6SH100M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M_05 Datasheet
152Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
   SMD Choke Coils
logo
Panasonic Battery Group
ELLATV1R5N PANASONICBATTERY-ELLATV1R5N Datasheet
62Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com