Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL6RH390M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELL6RH390M
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6RH390M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELL6RH390M Datasheet HTML 1Page - Panasonic Semiconductor ELL6RH390M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series:
Magnetic shielded type
Type:
ELL61H
s Explanation of Part Numbers
SMD type choke coils (2.5 mm, 3.0 mm)
s Features
q
Thin type (height 2.5 mm, 3.0 mm)
q
Higher reliability in mounting by separated user terminal and internal connection.
q
Capable of corresponding big current
s Recommended Applications
q
Videos, Audio, Mobile communications, Electric battery driving equipment
q
Choke coils for Chopper circuit decoupling choked in DC/DC convertor circuit
s Cautions for Use
Convertor electric power of DC/DC convertor
q
Chopper type : 1 W max.
Operating temperature
q
105 ¡C max. (Including self-temperature rise)
SMD Choke Coils
1
ELL 6 H
Type
E
L
L
6
H
2
2
0
M
S
Choke Coils
Singapore


Similar Part No. - ELL6RH390M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6RH390M PANASONIC-ELL6RH390M Datasheet
152Kb / 2P
   SMD Choke Coils
ELL6RH390M PANASONIC-ELL6RH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type Large current capability RoHS compliant
More results

Similar Description - ELL6RH390M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M_05 Datasheet
152Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
   SMD Choke Coils
logo
Panasonic Battery Group
ELLATV1R5N PANASONICBATTERY-ELLATV1R5N Datasheet
62Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com