Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65136 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65136
Description  Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65136 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65136 Datasheet HTML 2Page - Texas Instruments TPS65136 Datasheet HTML 3Page - Texas Instruments TPS65136 Datasheet HTML 4Page - Texas Instruments TPS65136 Datasheet HTML 5Page - Texas Instruments TPS65136 Datasheet HTML 6Page - Texas Instruments TPS65136 Datasheet HTML 7Page - Texas Instruments TPS65136 Datasheet HTML 8Page - Texas Instruments TPS65136 Datasheet HTML 9Page - Texas Instruments TPS65136 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0
10
20
30
40
50
60
70
80
IO − Load Current − mA
0.1
1
10
1k
100
G001
L = 2.2
µH
Vpos = 4.6 V
Vneg = −5 V
VI = 3.7 V
VI = 2.5 V
VI = 4.5 V
0
10
20
30
40
50
60
70
80
IO − Load Current − mA
0.1
1
10
1k
100
G002
L = 4.7
µH
Vpos = 4.6 V
Vneg = −5 V
VI = 2.5 V
VI = 4.5 V
VI = 3.7 V
TPS65136
SLVS831 – APRIL 2008 ..................................................................................................................................................................................................... www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT (2.2
µH)
LOAD CURRENT (4.7
µH)
Figure 1.
Figure 2.
OPERATION AT LIGHT LOAD CURRENT
OPERATION AT HIGH LOAD CURRENT
DCM OPERATION
CCM OPERATION
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65136


Similar Part No. - TPS65136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136 TI-TPS65136 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTE TI-TPS65136RTE Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTER TI-TPS65136RTER Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTERG4 TI-TPS65136RTERG4 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136_0806 TI-TPS65136_0806 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
More results

Similar Description - TPS65136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136_0806 TI-TPS65136_0806 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135 TI1-TPS65135 Datasheet
852Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Allegro MicroSystems
A8603 ALLEGRO-A8603 Datasheet
999Kb / 42P
   Multiple-Output Regulator for Automotive LCD Displays
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com