Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65136 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65136
Description  Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65136 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65136 Datasheet HTML 3Page - Texas Instruments TPS65136 Datasheet HTML 4Page - Texas Instruments TPS65136 Datasheet HTML 5Page - Texas Instruments TPS65136 Datasheet HTML 6Page - Texas Instruments TPS65136 Datasheet HTML 7Page - Texas Instruments TPS65136 Datasheet HTML 8Page - Texas Instruments TPS65136 Datasheet HTML 9Page - Texas Instruments TPS65136 Datasheet HTML 10Page - Texas Instruments TPS65136 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IO − Load Current − mA
0
500
1000
1500
2000
2500
3000
0
20
40
60
80
100
120
G008
VI = 4.5 V
VI = 3.7 V
VI = 2.5 V
TPS65136
www.ti.com ..................................................................................................................................................................................................... SLVS831 – APRIL 2008
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Iout = 30 mA
Iout = 50 mA
Figure 5.
Figure 6.
SWITCHING FREQUENCY
vs
START-UP
LOAD CURRENT
Figure 7.
Figure 8.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65136


Similar Part No. - TPS65136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136 TI-TPS65136 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTE TI-TPS65136RTE Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTER TI-TPS65136RTER Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTERG4 TI-TPS65136RTERG4 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136_0806 TI-TPS65136_0806 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
More results

Similar Description - TPS65136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136_0806 TI-TPS65136_0806 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135 TI1-TPS65135 Datasheet
852Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Allegro MicroSystems
A8603 ALLEGRO-A8603 Datasheet
999Kb / 42P
   Multiple-Output Regulator for Automotive LCD Displays
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com