Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65136 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65136
Description  Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65136 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65136 Datasheet HTML 6Page - Texas Instruments TPS65136 Datasheet HTML 7Page - Texas Instruments TPS65136 Datasheet HTML 8Page - Texas Instruments TPS65136 Datasheet HTML 9Page - Texas Instruments TPS65136 Datasheet HTML 10Page - Texas Instruments TPS65136 Datasheet HTML 11Page - Texas Instruments TPS65136 Datasheet HTML 12Page - Texas Instruments TPS65136 Datasheet HTML 13Page - Texas Instruments TPS65136 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Advanced Power-Save Mode for Light-Load Efficiency
Buck-Boost Mode Operation
Inherent Excellent Line-Transient Regulation
I
p
t
clock
A
A
pos
neg
V
V
L
+
in
V
L
M0116-01
o
outp
outn
V = V
+ V
o
in
o
V
D =
V
V
h +
g
TPS65136
SLVS831 – APRIL 2008 ..................................................................................................................................................................................................... www.ti.com
In order to maintain high efficiency over the entire load-current range, the converter reduces its switching
frequency as the load current decreases. The advanced power-save mode controls the switching frequency
using a voltage-controlled oscillator (VCO). The VCO frequency is proportional to the inductor peak current, with
a lower frequency limit of 20 kHz. This avoids disturbance of the audio band and minimizes audible noise coming
from the ceramic input and output capacitors. By maintaining a controlled switching frequency, possible EMI is
minimized. This is especially important when using the device in mobile phones. See Figure 8 for typical
switching frequency versus load current.
Buck-boost mode operation allows the input voltage to be higher than the output voltage. This mode allows the
use of batteries and supply voltages that are above the fixed 4.6-V output voltage of OUTP.
The SIMO regulator achieves inherent superior line-transient regulation when operating in discontinuous
conduction mode, shown in Figure 5 and Figure 6. In discontinuous conduction mode, the current delivered to
the output is given by the inductor peak current and falling slope of the inductor current. This is shown in
Figure 14, where the output current, given by the area A, is the same for different input voltages. Because the
converter uses peak-current-mode control, the peak current is fixed as long as the load current is fixed. The
falling slope of the inductor current is given by the sum of the output voltage and inductor value. This is also a
fixed value and independent of the input voltage. Because of this, any change in input voltage changes the
converter duty cycle but does not change the inductor peak current or the falling slope of the inductor current.
Therefore, the output current, given by the area A (Figure 14), remains constant over any input voltage variation.
Because the area A is constant, the converter has an inherently perfect line regulation when operating in
discontinuous conduction mode. Entering continuous conduction mode (CCM) linearly decreases the
line-transient performance. However, the line-transient response in CCM is still as good as for any standard
current-mode-controlled switching converter. The following formulas detail the relations of the TPS65136
converter topology operating in CCM.
Figure 14. Inherently Perfect Line-Transient Regulation
The converter always sees the sum of the negative and positive output voltage, which is calculated as:
The converter duty cycle is calculated using the efficiency estimation from the data sheet curves or from real
application measurements. A 70% efficiency value is a good value to go through the calculations.
The output current for entering continuous conduction mode can be calculated. The switching frequency can be
obtained from the data sheet graphs. A frequency of 1.5 MHz is usually sufficient for these types of calculations.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65136


Similar Part No. - TPS65136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136 TI-TPS65136 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTE TI-TPS65136RTE Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTER TI-TPS65136RTER Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136RTERG4 TI-TPS65136RTERG4 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65136_0806 TI-TPS65136_0806 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
More results

Similar Description - TPS65136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136_0806 TI-TPS65136_0806 Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135 TI1-TPS65135 Datasheet
852Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Allegro MicroSystems
A8603 ALLEGRO-A8603 Datasheet
999Kb / 42P
   Multiple-Output Regulator for Automotive LCD Displays
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com