Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC860ENZQ80D4 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # KMPC860ENZQ80D4
Description  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860ENZQ80D4 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button KMPC860ENZQ80D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC860ENZQ80D4 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
10
Freescale Semiconductor
Power Dissipation
5
Power Dissipation
Table 5 provides power dissipation information. The modes are 1:1, where CPU and bus speeds are equal,
and 2:1, where CPU frequency is twice the bus speed.
NOTE
Values in Table 5 represent VDDL-based power dissipation and do not
include I/O power dissipation over VDDH. I/O power dissipation varies
widely by application due to buffer current, depending on external circuitry.
6
DC Characteristics
Table 6 provides the DC electrical characteristics for the MPC860.
Table 5. Power Dissipation (PD)
Die Revision
Frequency (MHz)
Typical 1
1 Typical power dissipation is measured at 3.3 V.
Maximum 2
2 Maximum power dissipation is measured at 3.5 V.
Unit
D.4
(1:1 mode)
50
656
735
mW
66
TBD
TBD
mW
D.4
(2:1 mode)
66
722
762
mW
80
851
909
mW
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage at 40 MHz or less
VDDH, VDDL, VDDSYN
3.0
3.6
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Operating voltage greater than 40 MHz
VDDH, VDDL, KAPWR,
VDDSYN
3.135
3.465
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Input high voltage (all inputs except EXTAL and
EXTCLK)
VIH
2.0
5.5
V
Input low voltage1
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7
× (VDDH)VDDH + 0.3
V
Input leakage current, Vin = 5.5 V (except TMS, TRST,
DSCK, and DSDI pins)
Iin
100
µA


Similar Part No. - KMPC860ENZQ80D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
KMPC860ENZQ80D4 FREESCALE-KMPC860ENZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Similar Description - KMPC860ENZQ80D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com